Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2362DF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 10Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 11Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 12Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 13Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 14Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MPQ2362
— DUAL 2A, 23V, 380kHz STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2362 Rev. 1.0
www.MonolithicPower.com
13
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure3 for references.
1)
Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and schottky diode.
2)
Keep the connection of schottky diode
between SW pin and input power ground as
short and wide as possible.
3)
Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
4)
Route SW away from sensitive analog areas
such as FB.
5)
Connect
IN,
SW,
and
especially
GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
Top Layer
Bottom Layer
Figure3
―PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com