Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2362DF Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 10Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 11Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 12Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 13Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 14Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MPQ2362
— DUAL 2A, 23V, 380kHz STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2362 Rev. 1.0
www.MonolithicPower.com
12
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ESR
ESR
R
2
C
2
1
f
In this case (as shown in Figure 2), a third pole
set by the compensation capacitor (C6) and the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f
3
P
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important.
Lower crossover frequencies result in slower
line and load transient responses, while higher
crossover frequencies could cause system
unstable. A good rule of thumb is to set the
crossover frequency to below one-tenth of the
switching
frequency.
To
optimize
the
compensation components for conditions not
listed in Table 2, the following procedure can be
used:
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
Where fC is the desired crossover frequency,
which is typically less than one tenth of the
switching frequency.
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, to below one forth
of the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
Where R3 is the compensation resistor value.
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
Frequency Synchronization
Each channel of the MPQ2362 can be driven
with an external clock of up to 1.2MHz, high
frequency synchronization and low VIN can not
be achieved the same switching time. The
rising edge of the external clock resets the
internal clock, and the amplitude of the external
clock must be greater than 2.7V.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency
of
the
regulator,
the
applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Figure2
Figure 2
—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com