Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2362DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2362DF Datasheet HTML 1Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 2Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 3Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 4Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 5Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 6Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MPQ2362
— DUAL 2A, 23V, 380kHz STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2362 Rev. 1.0
www.MonolithicPower.com
3
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40C to +125C Typical values are at TJ = +25C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.75V
 V
IN
23V
TJ=25
oC
1.198
1.222
1.246
V
TJ=-40
oC to
+125
oC
1.185
1.222
1.259
V
Upper Switch-On
Resistance
(6)
RDS(ON)1
0.18
Ω
Lower Switch-On
Resistance
RDS(ON)2
10
20
Ω
Upper Switch Leakage
VEN = 0V, VSW = 0V
10
µA
Current Limit
(5)
TJ=25
oC
2.4
3.4
4
A
Current Limit Gain
Output Current to Comp Pin
Voltage
GCS
2
3.5
A/V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier
Transconductance
GEA
I
C = 10 μA
TJ=25
oC
500
770
1100
μA/V
TJ=-40
oC to +125oC
300
1200
Oscillator Frequency
fOSC
260
380
500
kHz
Short Circuit Frequency
fSC
VFB = 0V
10
35
54
kHz
SYNC Frequency
SYNC Drive
= 0V to 2.7V
TJ=25
oC
0.5
1.2
MHz
TJ=-40
oC to +125oC
0.5
1.0
EN Shutdown Threshold
Voltage
VEN
IIN > 100μA
0.7
1.0
1.3
V
Enable Pull-Up Current
IEN
1.0
μA
EN UVLO Threshold Rising
VUVLO
VEN Rising
2.37
2.50
2.62
V
Supply Current (Shutdown)
IOFF
VEN  0.4V
40
70
μA
Supply Current (Quiescent)
ION
VEN  3V
2.0
2.8
mA
Thermal Shutdown
(6)
TS
160
C
Maximum Duty Cycle
VFB = 1.0V, fSW = 380kHz
90
98
%
Minimum On Time
(6)
tON
100
ns
Note:
5) Equivalent output current = 1.5A
≥ 50% Duty Cycle
2.0A
≤ 50% Duty Cycle
Assumes ripple current = 30% of load current.
Slope compensation changes current limit above 40% duty cycle.
6) Design guarantee, no production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com