Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6533DH Datasheet(PDF) 47 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 47 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 43Page - C-Media Electronics CM6533DH Datasheet HTML 44Page - C-Media Electronics CM6533DH Datasheet HTML 45Page - C-Media Electronics CM6533DH Datasheet HTML 46Page - C-Media Electronics CM6533DH Datasheet HTML 47Page - C-Media Electronics CM6533DH Datasheet HTML 48Page - C-Media Electronics CM6533DH Datasheet HTML 49Page - C-Media Electronics CM6533DH Datasheet HTML 50Page - C-Media Electronics CM6533DH Datasheet HTML 51Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 47 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.11 Arbitrary Sine-tone Generator
There are four (4) memory banks to store user defined waveform in CM6533/CM6533N/CM6533X1/CM6533DH
design. This function would generate waveform data that is desired to be heard from earphones. For example
when function keys were pressed or do other operations. User can predefine two different waveforms with 96K and
88.2K sampling rates and stores it in corresponding memory banks. The waveform data format must comply with
the following specifications:
1. 16 bits PCM with 2’s complement
2. First word must define waveform length (Length[9:0]= {byte1[2:0], byte0[7:0]})
3. Waveform length must less than 2046
4. Four memory banks
Bank1: 0x6000~0x67FF (Length: 0x6000~0x6001, Waveform data 0x6002~0x67FF)
Bank2: 0x6800~0x6FFF (Length: 0x6800~0x6801, Waveform data 0x6802~0x6FFF)
Bank3: 0x7000~0x77FF (Length: 0x7000~0x7001, Waveform data 0x7002~0x77FF)
Bank4: 0x7800~0x7FFF (Length: 0x7800~0x7801, Waveform data 0x7802~0x7FFF)
Generating sine-tone is based on a look-up table and the step size of look-up table for different sampling rates
would be adjusted automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com