Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6533DH Datasheet(PDF) 30 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 30 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 26Page - C-Media Electronics CM6533DH Datasheet HTML 27Page - C-Media Electronics CM6533DH Datasheet HTML 28Page - C-Media Electronics CM6533DH Datasheet HTML 29Page - C-Media Electronics CM6533DH Datasheet HTML 30Page - C-Media Electronics CM6533DH Datasheet HTML 31Page - C-Media Electronics CM6533DH Datasheet HTML 32Page - C-Media Electronics CM6533DH Datasheet HTML 33Page - C-Media Electronics CM6533DH Datasheet HTML 34Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 30 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.6 SPDIF Control Description
6.6.1 SPDIF Frame Description
 Audio format: linear 16 bit default.
 Allowed sampling frequencies (Fs) of the audio:
44.1kHz from CD
48 kHz from DAT
32 kHz from DSR
 One-way communication: from a transmitter to a receiver.
 Control information:
V (validity) bit: indicates if audio sample is valid
U (user) bit: user free coding i.e. running time song, track number
C (channel status) bit: emphasis, sampling rate and copy permit
P (parity) bit: error detection bit to check for good reception
 Coding format: biphase mark except the headers (preambles), for sync purposes
 Bandwidth occupation: 100kHz up to 6Mhz (no DC)
 Signal bitrate is 2.8Mhz (Fs=44.1kHz), 2Mhz (Fs=32kHz) and 3.1Mhz (Fs=48kHz)
1 0 1 1 0 0 1 0 1 0 1 1 0 1 0 0 1 1 0 1 0
1
0
0
1
1
0
1
0
0
1
0
0
Clock
Data Signal
Biphase Mark
Signal
Figure -17 Biphase Mark signal of SPDIF
Preamble
cell-order
cell-order
(last cell "0")
(last cell "1")
------------------------------------------------------
"B"
11101000
00010111
"M"
11100010
00011101
"W"
11100100
00011011
Preamble “B”:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com