Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6533DH Datasheet(PDF) 8 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 8 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 4Page - C-Media Electronics CM6533DH Datasheet HTML 5Page - C-Media Electronics CM6533DH Datasheet HTML 6Page - C-Media Electronics CM6533DH Datasheet HTML 7Page - C-Media Electronics CM6533DH Datasheet HTML 8Page - C-Media Electronics CM6533DH Datasheet HTML 9Page - C-Media Electronics CM6533DH Datasheet HTML 10Page - C-Media Electronics CM6533DH Datasheet HTML 11Page - C-Media Electronics CM6533DH Datasheet HTML 12Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 8 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
2.6 General Firmware Volume Setting Value
The CM6533/CM6533N/CM6533X1/CM6533DH is a MCU base USB Audio Device; the default topology is different from
its hardware capability.
Please refer to chapter 5.1 and 5.2 for the CM6533/CM6533N/CM6533X1/CM6533DH default topology while below the
gain volume range.
Device
Minimum
Maximum
Default
dB/Step
Speaker
-45dB(Mute)
0dB
-10dB
1dB
Microphone in recording Volume
0dB
+30dB
+20dB
1dB
Microphone A-A path (playback)
-15dB(Mute)
+22dB
0dB
1dB
2.7 CM6533/CM6533N/CM6533X1/CM6533DH Compared Table
The pin out of CM6533, CM6533N, CM6533X1 and CM6533DH are all the same and they only differ in firmware,
software and package.
CM6533N
CM6533
CM6533X1
CM6533DH
Package
QFN48
LQFP48
LQFP48
LQFP48
Firmware
Optional Jack
Detection
Optional Jack
Detection
--
--
Software
Jack Detection
●
●
--
--
Xear™ Surround HP
--
--
●
--
Dolby® Headphone
--
--
●
For the detailed firmware and software information, please refer to its corresponding spec.
 Software Functions:
 CM6533X1 Xear™ Sound Processing
Xear™ Surround Headphone
Xear™ Software 10 Band Equalizer
Xear™ Audio Brilliant
Xear™ Dynamic Bass
Xear™ Voice Clarity
Xear™ Smart Volume
Xear™ Surround Max
Xear™ Magic Voice
Xear™ Environmental Noise Cancellation
 CM6533DH Dolby® and Xear™ Sound Processing
Dolby® Headphone v2
Dolby Pro Logic® IIx
Xear™ Environment Effect
Xear™ Software 10 Band Equalizer
Xear™ Magic Voice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com