Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6533DH Datasheet(PDF) 34 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 34 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 30Page - C-Media Electronics CM6533DH Datasheet HTML 31Page - C-Media Electronics CM6533DH Datasheet HTML 32Page - C-Media Electronics CM6533DH Datasheet HTML 33Page - C-Media Electronics CM6533DH Datasheet HTML 34Page - C-Media Electronics CM6533DH Datasheet HTML 35Page - C-Media Electronics CM6533DH Datasheet HTML 36Page - C-Media Electronics CM6533DH Datasheet HTML 37Page - C-Media Electronics CM6533DH Datasheet HTML 38Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 34 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.8.2I2C-Master Read with clk_sync mode
6.8.3
I2C Master Device Address and Control Register
Address: 0x80
Bits
R/W
Bit Mnemonic
Description
Default
7-1
R/W
SA_reg
The target slave device address.
0xA8
(POR)
0
R/W
SA_reg
1: read, 0: write
1’b0
(POR)
6.8.4
I2C Master Memory Address Pointer (MAP) Register
Address: 0x81
Bits
R/W
Bit Mnemonic
Description
Default
7-0
R/W
MAP_reg
The register low byte address of salve
device to be read or written.
8’b0
(POR)
6.8.5
I2C Master Memory Address Pointer (MAP2) Register
Address: 0x82
Bits
R/W
Bit Mnemonic
Description
Default
7-0
R/W
MAP2_reg
The register high byte address of salve
device to be read or written.
8’b0
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com