Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6533DH Datasheet(PDF) 7 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 7 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 3Page - C-Media Electronics CM6533DH Datasheet HTML 4Page - C-Media Electronics CM6533DH Datasheet HTML 5Page - C-Media Electronics CM6533DH Datasheet HTML 6Page - C-Media Electronics CM6533DH Datasheet HTML 7Page - C-Media Electronics CM6533DH Datasheet HTML 8Page - C-Media Electronics CM6533DH Datasheet HTML 9Page - C-Media Electronics CM6533DH Datasheet HTML 10Page - C-Media Electronics CM6533DH Datasheet HTML 11Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 7 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
 Single 5V power supply (embedded 5V to 1.8V regulator for digital core, 5V to 3.3V regulator for digital IO, 5V to
3.6V regulator for analog codec)
 3.3V digital I/O pads with 5V tolerance
 Industrial standard LQFP-48 package (7x7mm)
2.5 Audio I/O
 Playback Stream:
 Speaker/Headphone
Sample Rates: 8K/11.025K/16K/22.05K/32K/44.1K/48K/88.2K/96KHz
Supports Bit Length: 16/24bits
Speaker Gain Range (Analog) is -44 ~ 0dB, 1dB/step
DAC Gain Range (Digital) is -62 ~ 0dB, 1dB/step
 S/PDIF transmitter
Sample Rates: 44.1K/48K/88.2K/96KHz
Supports Bit Length: 16/24 bits
 Recording Stream:
 Microphone
Sample Rates: 8K/11.025K/16K/22.05K/32K/44.1K/48K/96KHz
Supports Bit Length: 16/24 bits
Microphone gain range (Analog) is -18 ~ 45dB, 1dB/step
ADC gain range (Digital) is -16 ~ 12dB, 1dB/step
 Stereo Mixer
Mix stereo playback stream and stereo microphone
Stereo Mixer gain range is -30 ~ 33dB, 1dB/step
 A-A path Stream:
 Microphone to playback A-A path
Mix mono microphone input to stereo playback both L/R channel
The Microphone A-A path gain range is -15 ~ 32dB, 1dB/step
**Note 1: A-A path means Analog to Analog Mixer path
**Note 2:
CM6533/CM6533N/CM6533X1/CM6533DH is a USB 2.0 Full Speed audio device. Since bandwidth limitation,
CM6533/CM6533N/CM6533X1/CM6533DH cannot support 96KHz/24bits for playback and capture streams
simultaneously. The possible combinations are shown below:
Playback
Capture
Audio Format
Stereo, 96KHz/24bits
Stereo, 48kHz/24bits or below
Mono, 96KHz/24bits or below
Stereo, 48kHz/24bits or below
96KHz/24bits
Mono, 96KHz/24bits or below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com