Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6533DH Datasheet(PDF) 52 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 52 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 48Page - C-Media Electronics CM6533DH Datasheet HTML 49Page - C-Media Electronics CM6533DH Datasheet HTML 50Page - C-Media Electronics CM6533DH Datasheet HTML 51Page - C-Media Electronics CM6533DH Datasheet HTML 52Page - C-Media Electronics CM6533DH Datasheet HTML 53Page - C-Media Electronics CM6533DH Datasheet HTML 54Page - C-Media Electronics CM6533DH Datasheet HTML 55Page - C-Media Electronics CM6533DH Datasheet HTML 56Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 52 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
9 Electrical Characteristics
9.1 Absolute Maximum Ratings
Test conditions: DV50 = 5V, AV50 = 5V, DGND =0V, TA=+25oC
Parameter
Symbol
Min.
Typ
Max.
Unit
Storge temperature
TS
-25
-
150
oC
Operating ambient temperature
TA
-15
25
70
oC
Digital supply voltage(DV50)
4.5
5.0
5.5
V
Analog supply voltage(AV50)
4.5
5.0
5.5
V
I/O pin voltage
-
GND
-
3.3
V
ESD (Body mode)
±4000
V
ESD (Machine mode)
±200
V
9.2 Recommended Operation Conditions
Parameter
Symbol
Min.
Typ
Max.
Unit
Digital supply voltage(DV50)
-
5
V
Analog supply voltage(AV50)
5
V
Operating ambient temperature
25
oC
MCU Clock
-
12.000
MHz
9.3 Power Consumption
Test Conditions: DV50=5V, AV50 = 5V, DGND =0V, TA=+25oC, MCU Clock = 12MHz.
Sample Rate=48kHz, 16Bits, Operation: HP-Out Playback+Mic-In Recording, EQ disable, Spdif out disable, No loading
Parameter
Min.
Typ
Max.
Unit
Total power consumption
(including Playback and Recording)
-
65.9
= Digital 27.9mA + Analog 38mA
-
mA
Standby power consumption
(excluding Playback and Recording)
-
64
-
mA
Suspend mode power consumption
-
2.4
-
mA
9.4 DC Characteristics
Test Conditions: DV50=5V, VDD = 3.3V, DGND =0V, TA=+25oC, VDD = 3.3V
**Note: DVDD18,AVDD36,AV42_DA,AV36_DAL,AV36_DAR without current drive capacity
Parameter
Symbol
Min.
Typ
Max.
Unit
Operation Voltage range
DVDD
4.5
5
5.5
V
DC Input voltage range
(GPIO,I2C,SPI,SPDIF)
DCVin
-0.3
5.5
V
Input High-level voltage
(GPIO,I2C,SPI,SPDIF)
Vih
2
2
V
Input Low-level voltage
(GPIO,I2C,SPI,SPDIF)
Vil
0.8
0.8
V
Output High-level voltage
(GPIO,I2C,SPI,SPDIF)
Voh
2.4
-
3.6
V
Output Low-level voltage
(GPIO,I2C,SPI,SPDIF)
Vol
0
-
0.4
V
Output source current
(GPIO, I2C,SPI,SPDIF)
IOH
8
mA
Output sink current
(GPIO, I2C,SPI,SPDIF)
IOL
8
mA
VREG33 driver current
IVREG
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com