Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3384L Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3384L Datasheet HTML 1Page - Monolithic Power Systems MP3384L Datasheet HTML 2Page - Monolithic Power Systems MP3384L Datasheet HTML 3Page - Monolithic Power Systems MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
3
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =12V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
3
25
V
Supply Current (Quiescent)
IQ
VIN=12V, VEN=5V, no load.
1.8
mA
Supply Current (Shutdown)
IST
VEN=0V, VIN=12V
2
μA
LDO Output Voltage
VCC
VEN=5V, 6V<VIN<25V,
0<IVCC<10mA
4.5
5
5.5
V
VCC High Threshold
VCC_rising
3
V
VCC Low Threshold
VCC_falling
2.2
V
EN ON Threshold
VEN_ON
VEN Rising
1.8
V
EN OFF Threshold
VEN_OFF
VEN Falling
0.6
V
STEP-UP CONVERTER
SW On-Resistance
RDS_ON
IDS=20mA
0.5
Ω
SW Leakage Current
ISW_LK
VSW=45V
1
μA
VOSC=VCC or Floating
1.0
1.25
1.5
MHz
Switching Frequency
fSW
VOSC=0V
500
625
750
kHz
OSC High-Level Threshold
VOSC_H
2.1
V
OSC Low-Level Threshold
VOSC_L
0.8
V
Minimum ON Time
τON_MIN
PWM Mode without Pulse Skipping
100
ns
Maximum Duty Cycle
DMAX
90
93
96
%
SW Current Limit
ISW_LIMIT
Duty=90%
1.2
A
COMP Transconductance
GCOMP
ΔICOMP=±10µA
100
μA/V
COMP Output Current
ICOMP
60
μA
PWM DIMMING
PWM High-Level Threshold
VPWMI_H
1.5
V
PWM Low-Level Threshold
VPWMI_L
0.6
V
LED CURRENT REGULATION
LEDx Average Current
ILED
RISET=60.4kΩ
19.4
20
20.6
mA
Current Matching
(5)
ILED=20mA
2.5
%
Maximum LED Current per
String
ILEDmax
RISET=40.2kΩ
30
mA
LEDx Regulation Voltage
VLEDX
ILED=20mA
600
mV
PROTECTION
OVP Over Voltage Threshold
VOVP_OV
Rising Edge
1.17
1.23
1.3
V
OVP UVLO Threshold
VOVP_UV
Step-Up-Converter Failure
48
70
102
mV
LEDx Over Voltage Threshold
VLEDX_OV
VIN>5.5V
5.1
5.5
5.9
V
LEDx UVLO Threshold
VLEDX_UV
135
180
235
mV
Thermal Shutdown Threshold
TST
150
°C
LEDx Over-Voltage Fault
Timer
1.3
1.6
1.9
ms
Notes:
5) Matching is defined as the difference between the maximum and minimum current divided by 2×average current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com