Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3384L Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems MP3384L Datasheet HTML 10Page - Monolithic Power Systems MP3384L Datasheet HTML 11Page - Monolithic Power Systems MP3384L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
10
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference.
High-frequency pulse current flows through the
loop: MP3384L SW to PGND pin (U1), output
diode (D1), and output capacitor (C3), The loop
path must be as short as possible (See Figure 3).
SW
PGND
Figure 3: Example Layout
The exposed pad connects internally to the GND
pin, and all logic signals refer to GND. Externally
connect PGND to GND, and placed far from the
logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com