Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3384L Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems MP3384L Datasheet HTML 10Page - Monolithic Power Systems MP3384L Datasheet HTML 11Page - Monolithic Power Systems MP3384L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
11
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
F1
GND
EN
PWM DIM
R14
10k
C6
NC
R4
NC
R3
0k
R7
20k
C2
NC
R8
NC
R15
20k
1
2
3
4
9
10
11
12
3V-25V
R5 60.4k
D1
DFLS160
C5
100nF
LED+
10 LEDs in series 4 strings
20mA/string
LED4
LED3
LED2
LED1
C18
100pF
R2
10k
C7
NC
R9
NC
R1
324k
C4
NC
R13
0k
R12
0k
R11
0k
R10
0k
EN
OSC
ISET
GND
U1
MP3384L
LED4
OVP
NC
PGND
Figure 4—Driving 10 LED in Series and 4 String LED Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com