Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3384L Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3384L Datasheet HTML 1Page - Monolithic Power Systems MP3384L Datasheet HTML 2Page - Monolithic Power Systems MP3384L Datasheet HTML 3Page - Monolithic Power Systems MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
5
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, 10 LEDs in series, 4 strings in parallel, 20mA/string, unless otherwise noted.
VSW
20V/div.
VLED1
500mV/div.
VOUT/AC
500mV/div.
ILED
50mA/div.
VSW
20V/div.
VIN
5V/div.
VOUT
20V/div.
ILED
50mA/div.
VSW
20V/div.
VPWM
5V/div.
VOUT
20V/div.
ILED
50mA/div.
VSW
20V/div.
VOUT
20V/div.
ILED
50mA/div.
VSW
20V/div.
VOUT
20V/div.
ILED
50mA/div.
VSW
20V/div.
VLED1
20V/div.
VOUT
20V/div.
ILED
50mA/div.
VSW
20V/div.
VEN
5V/div.
VOUT
20V/div.
ILED
50mA/div.
Steady State
VIN Startup
VEN Startup
0.5
0.6
0.7
0.8
0.9
1
3
5
7
9
11 13 15 17 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com