Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3384L Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3384L Datasheet HTML 1Page - Monolithic Power Systems MP3384L Datasheet HTML 2Page - Monolithic Power Systems MP3384L Datasheet HTML 3Page - Monolithic Power Systems MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP3384L
50V, 4-String, White LED Driver
MP3384L Rev. 1.0
www.MonolithicPower.com
1
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3384L is a step-up converter to control up
to 4 white LED strings for LCD backlighting.
The MP3384L employs a fixed-switching frequency
that can be selected from either 625kHz or
1.25MHz. It takes a 3V-to-25V input supply: The
low-end input voltage allows the MP3384L to power
a tablet display from a single battery.
The MP3384L has 4 internal current sources to
independently regulate the current in each LED
string to a value set by an external, current-setting
resistor. It achieves current balance within 2.5%
regulation accuracy between strings. Its low
600mV regulation voltage for the LED current
sources reduces power loss and improves
efficiency.
The MP3384L features multiple protections,
including under-voltage lockout, MOSFET current
limiting, over-voltage protection, open/short LED
protection, and thermal shut-down.
The MP3384L is available in a 3mm×3mm QFN16
package.
FEATURES
 Highly Efficient
 3V-to-25V Input Voltage Range
 50V Maximum Step-Up Voltage
 Balanced Driver for 4 WLED Strings
 2.5% Current Matching Accuracy Between
Strings
 Selectable Switching Frequency: 625kHz or
1.25MHz
 PWM Dimming
 Programmable Over-Voltage Protection
 Under-Voltage Lockout
 Open and Short LED Protection
 Thermal Shutdown
 3mm×3mm 16-pin QFN Package
APPLICATIONS
 Notebook Computers
 Netbooks and Tablet Computers
 Digital Picture Frames
 Hand-Held Terminal Displays
 Automotive Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP3384L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3384EQ MPS-MP3384EQ Datasheet
323Kb / 13P
50V, 4-String White LED Driver
More results

Similar Description - MP3384L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com