Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3384L Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems MP3384L Datasheet HTML 10Page - Monolithic Power Systems MP3384L Datasheet HTML 11Page - Monolithic Power Systems MP3384L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
9
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
Set the switching frequency to either 625kHz or
1.25MHz. A bi-level switching-frequency-select
(OSC) input sets the internal oscillator frequency
for the step-up converter. When the OSC pin
connects to GND, the switching frequency is
625kHz. When OSC is left floating or connected
to VCC, the frequency is 1.25MHz.
Setting the LED Current
The LED string currents are identical and set
through the current setting resistor on the ISET
pin.
SET
LED
R
V
.
I
21
1
1000
For RSET=60.4kΩ, the LED current is 20mA. Do
not leave the ISET pin floating.
Setting Over-Voltage Protection
Over-voltage
protection
(OVP)
implements
open-string protection. In some cases, an LED
string failure results in a feedback voltage of 0V.
The part keeps boosting Vout, until it reaches the
programmed OVP threshold. Then the chip stops
boosting Vout.
To ensure that the chip functions properly, select
an appropriate OVP resistor divider value. The
recommended OVP point is about 1.3 times Vout
for normal operation.
2
2
1
23
1
R
R
R
V
.
V
OVP
PWM Dimming Mode
The MP3384L provides PWM dimming through
an external PWM signal.
Apply a PWM dimming signal ranging from 100Hz
to 2kHz to the PWM pin. The minimum
recommended amplitude of the PWM signal is
1.5V (See Figure 2).
VCC
C1
PWM
MP3384L
PWM Dimming
100Hz~2kHz
Figure 2: PWM Dimming
Selecting the Inductor
A 22μH (for 1.25MHz) or 47µH (for 625kHz)
inductor with a DC current rating at least 40%
higher than the maximum input current is
recommended for most applications. For highest
efficiency, minimize the inductor’s DC resistance.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent a
high-frequency, switching current from passing
through the input. Use ceramic capacitors with
X5R or X7R dielectrics because of their low ESR
and small temperature coefficients. For most
applications, a 4.7μF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor reduces the output voltage
ripple and ensures feedback loop stability. The
output capacitor impedance should be low at the
switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
2.2μF ceramic capacitor is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com