Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2893 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology LTM2893 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM2893/LTM2893-1
8
28931fb
For more information www.linear.com/LTM2893
PIN FUNCTIONS
Logic Side
(All Inputs and Outputs Referenced to VL and GND)
ON (A1): Enable Input. A high input enables the logic side.
When ON is low and VL is high, MOSI, SCK, CNV, MISOA,
and MISOB are high impedance, an external pull-up or
pull-down resistor (100k or greater) is required on each
pin to minimize possible internal shoot though current if
these pins float.
SS (A2): Slave Select Input (Low True Slave Chip Select).
A low on the SS input enables MISOA and MISOB. To clear
faults or write the configuration register the SS input must
be high. With the LTM2893, the SS input may remain low
between ADC reads. With the LTM2893-1, the SS input
must frame the SCK transitions and not exceed the defined
watchdog timeouts. The SS pin contains a weak pull up
to the VL supply. CSC must be high for SS to be enabled.
MOSI (A3): Master Out Slave In Input. MOSI is the serial
data input for the configuration registers or input for se-
rial data to be written to the isolated ADC through MOSI2,
(LTM2893-1option).WhenMOSIisnotused,MOSIshould
be connected to GND. Connect a weak pull-up to VL or
a weak pull-down to GND to maintain a valid logic input
when MOSI is not driven.
SCK (A4): Serial Port Clock Input. MISOA and MISOB data
change after a rising edge of the SCK input. MOSI data
is read in on the rising edge of the SCK input. Connect a
weak pull-up to VLoraweakpull-downtoGNDtomaintain
a valid logic input when SCK is not driven.
BUSY (A5): Busy Output. A high output indicates the ADC
is currently converting a result. On the falling edge of the
BUSY output the data is ready to be read out of the serial
digital interface. At startup, a high on the BUSY output
indicates the isolated side is not ready. Once the BUSY
output goes low the system is ready.
CNV (A6): Conversion Start Input. The rising edge of CNV
is transferred to CNV2 with minimal delay and minimal
jitter. Do not change the CNV input during a read of the
serial digital interface. The falling edge of CNV is ignored.
VL (B1): Interface Logic Supply. Recommended operating
voltage is 1.71V to 5.5V. Interface supply voltage for pins
SA, SB, SC, MISOA, MISOB, MOSI, SCLK, SS, CSC, BUSY,
and CNV. Internally bypassed to GND with 1µF.
MISOA (B2): Master In Slave Out A Output. Serial data
output containing the ADC result from MISOA2. Connect a
weak pull-up to VLoraweakpull-downtoGNDtomaintain
a valid logic level when MISOA is high impedance while
SS is high.
MISOB (B3): Master In Slave Out B Output. Serial data
output containing the ADC results from MISOB2. Con-
nect a weak pull-up to VL or a weak pull-down to GND to
maintain a valid logic level when MISOB is high impedance
while SS is high..
CSC (B4): Chip Select Configuration Input (CSC Chip
Select). A low on the CSC input enables access to the
configuration register. The Configuration Register section
describes configurable options. SS must be high for CSC
to be enabled.
GND (B5): Connect to GND.
FAULT (B6): Fault Output Open Drain. A low on the FAULT
output indicates a communication or command error.
Connect to an external 4.7k pull-up to VL to monitor fault
events.
VCC (C1): Supply Voltage. Recommended operating volt-
age is 3.0V to 5.5V. Internally bypassed to GND with 1µF.
GND (C2-C3): Circuit Ground. Return for VL logic supply
and VCC supply.
SA (C4): Select Enable Input A. Select signal pass through
to SA2 to control an external multiplexer or programmable
gain amplifier. Transitions must not occur just before the
beginning of a CNV or SS edge. See the Safe Regions of
the Select Enable Signals section for timing constraints.
Do not use as a general purpose asynchronous signal. SA
containsaweakpulldown.ConnecttoGNDwhennotused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com