Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2893 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 5 Page - Linear Technology

  LTM2893 Datasheet HTML 1Page - Linear Technology LTM2893 Datasheet HTML 2Page - Linear Technology LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM2893/LTM2893-1
5
28931fb
For more information www.linear.com/LTM2893
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V, VCC2 = 5V, VL2 = 3.3V, GND2
= 0V unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tDMOSI2
MOSI2 Data Valid Delay from SCK2↓
LTM2893-1 CL = 20pF, VL = 5.5V (Note 2)
CL = 20pF, VL = 2.5V (Note 2)
CL = 20pF, VL = 1.71V (Note 2)
l
l
l
1.5
4.0
4.0
4.5
ns
ns
ns
tHMOSI2
MOSI2 Data Remains Valid from SCK2↓
LTM2893-1 (Note 2)
l
0.5
ns
BUSY, MISOA, MISOB Rise/Fall Time
Note 7, CL = 20pF
500
ps
CNV2, SS2, MOSI2, SCK2 Rise/Fall Time
Note 7, CL = 20pF
500
ps
Configuration Port
tCSCFSCK
CSC↓ Delay to SCK↑
SCK2 Frequency 100MHz
l
20
1185
ns
tCSCRSCK
SCK↑ to CSC↑
SCK2 Frequency 100MHz
l
20
1185
ns
tCSCSPACE
CSC↑ Delay to CSC↓
CRCENA = 0
CRCENA = 1
60
320
ns
ns
Select Signals (SA, SB, SC, SA2, SB2, and SC2)
Propagation Delay
CL = 20pF, 1.71V ≤ (VL and VL2) ≤ 5.5V
l
40
80
150
ns
Rise/Fall Time
CL = 20pF, 1.71V ≤ (VL and VL2) ≤ 5.5V
l
10
20
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
(Notes 4, 5, 6)
1 Minute, Derived from 1 Second
6000
VRMS
1 Second
7200
VRMS
Common Mode Transient Immunity
(Note 2) VCC = VL = ON = 5V to GND, VCC2 = VL2
= ON2 = 5V to GND2, 1000V in 20ns Transient
Between GND and GND2
50
100
kV/µs
VIORM
Maximum Working Insulation Voltage
(Note 2)
1000
690
VPEAK, VDC
VRMS
Partial Discharge
VPD = 1830VPEAK (Note 4)
5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 2)
600
VRMS
Depth of Erosion
IEC 60112 (Note 2)
0.017
mm
DTI
Distance Through Insulation
(Note 2)
0.2
mm
Input to Output Resistance
(Notes 2, 4)
1
5
TΩ
Input to Output Capacitance
(Notes 2, 4)
3
pF
Creepage Distance
(Note 2)
9.2
mm
ISOLATION CHARACTERISTICS T
A = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design, not production tested.
Note 3: Guaranteed by other measured parameters and is not directly tested.
Note 4: Device considered a 2-terminal device. Measurement between
groups of pins A1 through C6 shorted together and pins N1 through R6
shorted together.
Note 5: The rated dielectric insulation voltage should not be interpreted as
a continuous voltage rating.
Note 6: In accordance with UL1577, each device is proof tested for the
6000VRMS rating by applying an RMS voltage multiplied by an acceleration
factor of 1.2 for one second.
Note 7: Evaluated by Design, not production tested.
Note 8: See Table 5 for minimum and maximum timing specifications
affected by the selection of SCK2 frequencies in the configuration register.
Note 9: All currents into device pins are positive; all currents out of device
are negative. All voltages are referenced to their corresponding ground
unless otherwise specified.
Note 10: See Table 2 for delay requirements between falling edge of BUSY
and SCK for large word lengths.
Note 11: Continuous operation above specified maximum operating
junction temperature may result in device degradation or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com