Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2893 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology LTM2893 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTM2893/LTM2893-1
24
28931fb
For more information www.linear.com/LTM2893
TIMING DIAGRAMS
Figure 11. Isolated Side Read and Write to ADC (LTM2893-1)
28931ADC CYCLE TIMEMIN = tDCNV + tCNV2toADCstart
+ tCNVADC + tBUSY2FBUSYF + tBUSYFSCKR + tDATAREAD +
tSCKSSDIS + tCRC + tQUIET + tADDISODELAY. Reference SAM-
PLING RATE section.
where:
If wordcount =1:
tADDISODELAY = (2 + WORDLENGTH) • tSCK2
If wordcount ≥ 2:
tADDISODELAY = 2 • (2 + WORDLENGTH) • tSCK2
SAFE REGIONS OF THE SELECT ENABLE SIGNALS
The select enable signals SA, SB, and SC must be limited
in use to transition in a fixed set of safe regions. Transi-
tions within the collision regions may cause data loss or
timing loss to important conversion or result information.
If the SA2, SB2, or SC2 are configured as inputs, do not
change 150ns prior to the SS2 signal falling. The SS2
signal fall is triggered by BUSY2 or BUSYS falling. If one
of these signals changes in this collision region, the SPI
process will be corrupted.
CNV2
BUSY2
ADC CONVERSION READ AND WRITE TIMING DIAGRAM ISOLATED SIDE INTERFACE
SS2
SCK2
MISOA2,
MISOB2
DI17
ADC CONVERSION TIME
DI0
ADC CYCLE TIME
ADC ACQUISITION TIME
MOSI2
D17
D0
ADC RESULT
ADC CONFIGURATION
tDMOSI2
tHDMOSI2
tSS2FMOSI2
XXXXXXXX
2893 F11
Figure 12. Select Signals Safe Transition Regions
SA, SB, SC SAFE TRANSITION REGIONS
SAFE
SAFE
150ns
CNV
COLLISION
POSSIBLE
LOSS OF DATA
SPI TRANSACTION
DO NOT
CHANGE 40ns
AFTER
CONVERSION
SA, SB, SC PROCESS DELAYED
COLLISION
POSSIBLE
LOSS OF DATA
150ns
150ns
SA, SB, SC
BUSY
SS
SAFE, ADDS NOISE
2893 F12
COLLISION
POSSIBLE
LOSS OF DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com