Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2893 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 4 Page - Linear Technology

  LTM2893 Datasheet HTML 1Page - Linear Technology LTM2893 Datasheet HTML 2Page - Linear Technology LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM2893/LTM2893-1
4
28931fb
For more information www.linear.com/LTM2893
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V, VCC2 = 5V, VL2 = 3.3V, GND2
= 0V unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Start
tCNVH
CNV Pulse Width
l
20
ns
tBUSYLH
CNV↑ to BUSY↑ Delay
l
40
ns
tDCNV
CNV↑ to CNV2↑ Delay (Aperture Delay)
l
12
21
33
ns
tCNV2H
CNV2 Pulse Width
(Config. SCK2 Frequency ≥ 40MHz)
l
20
52
ns
(Config. SCK2 Frequency ≤ 33MHz)
l
35
80
ns
CNV to CNV2 Rising Edge Jitter RMS
(Note 7)
30
ps
Minimum Low Time for CNV
100
ns
SPI Timing
tQUIET
SCK or SS↑ Space to CNV↑
LTM2893
LTM2893-1, Configuration Register = 0x9F
l
20
320
ns
ns
tSCK
SCK Input Period
SCK2 Frequency 100MHz LTM2893 (Note 3)
SCK2 Frequency 100MHz LTM2893-1 (Note 3)
l
l
10
10
1185
ns
ns
tSCKH
SCK Input High Time
(Note 2)
l
4
ns
tSCKL
SCK Input Low Time
(Note 2)
l
4
ns
tSCK2
SCK2 Output Period
SCK2 Frequency 100MHz (Notes 3, 8)
l
9.5
10
10.8
ns
tSCK2H
SCK2 Output High Time
(Note 2)
l
4
ns
tSCK2L
SCK2 Output Low Time
(Note 2)
l
4
ns
tHDMISO2
MISOA2, MISOB2 Data Hold Time from
SCK2↑
(Note 2)
l
1
ns
tDMISO
MISOA, MISOB Data Valid Delay from SCK↑
SCK2 Frequency = 100MHz or 66MHz or from
SCK↓ SCK2 Frequency ≤ 50MHz
CL = 20pF, VL = 5.5V (Note 2)
CL = 20pF, VL = 2.5V (Note 2)
CL = 20pF, VL = 1.71V (Note 2)
l
l
l
5
7.5
8
9.5
ns
ns
ns
tSUMISO2
MISOA2, MISOB2, Setup Time to SCK2↑
(Note 2)
l
1.8
ns
tHMISO
MISOA, MISOB Data Remains Valid Delay
from SCK↑
SCK2 Frequency = 100MHz or 66MHz or from
SCK↓ SCK2 Frequency ≤ 50MHz
CL = 20pF (Note 2)
l
2
ns
tDMISOSSF
MISOA, MISOB Data Valid Delay from SS↓
CL = 20pF
l
10
ns
MISOA, MISOB Data Valid Delay from BUSY↓ SS = 0V, LTM2893
l
10
ns
tSSFSCK
SS↓ Delay to SCK↑
SCK2 Frequency 100MHz (Note 8), LTM2893-1
l
20
1185
ns
tBUSYFSCKR
BUSY↓ Delay to SCK↑
SS = 0V, SCK2 Frequency 100MHz
(Notes 9, 10)
l
15
ns
tBUSY2FSS2F BUSY2↓ Delay to SS2↓
l
15
35
ns
tBUSY2FBUSYF BUSY2↓ to BUSY↓
SCK2 Frequency 100MHz
l
100
ns
tSS2FSCK2
SS2↓ Delay to SCK2↑
SCK2 Frequency 100MHz
l
15
33
ns
tDIS
Bus Relinquish Time After SS↑
l
35
ns
tSCKSSDIS
Last SCK↑ to SS↑
SCK2 Frequency 100MHz (Note 8) LTM2893-1
l
20
1185
ns
tSCK2SSDIS
Last SCK2↑ to SS2↑
SCK2 Frequency 100MHz
l
8
ns
SS↑ to SS↓ Space
CRCENA Bit = 0
60
ns
CRCENA Bit = 1
225
ns
tSUMOSI
MOSI Setup to SCK↑
LTM2893-1 or Configuration Port Write (Note 2)
l
1.5
ns
tHDMOSI
MOSI Hold Time to SCK↑
LTM2893-1 or Configuration Port Write (Note 2)
l
1
ns
tSS2FMOSI2
SS2↓ to MOSI2 Valid
LTM2893-1
l
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com