Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2893 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology LTM2893 Datasheet HTML 28Page - Linear Technology LTM2893 Datasheet HTML 29Page - Linear Technology LTM2893 Datasheet HTML 30Page - Linear Technology LTM2893 Datasheet HTML 31Page - Linear Technology LTM2893 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM2893/LTM2893-1
32
28931fb
For more information www.linear.com/LTM2893
LINEAR TECHNOLOGY CORPORATION 2016
LT 0517 REV B • PRINTED IN USA
www.linear.com/LTM2893
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM2892
3500VRMS SPI or I2C Isolator
Up to 8Mbps SPI Transactions
LTM2883
2500VRMS SPI or I2C Isolator with Power
Up to 8Mbps SPI Transactions
LTM2881
Complete Isolated RS485/RS422 µModule
Transceiver + Power
2500VRMS Isolation in Surface Mount BGA or LGA
LTM2882
Dual Isolated RS232 µModule Transceiver with
Integrated DC/DC Converter
2500VRMS Isolation in Surface Mount BGA or LGA
LTC2884
Isolated USB Transceiver with Isolated Power
2500VRMS Isolation in Surface Mount BGA
LTC2348
18-Bit/16-Bit Octal 200ksps Serial ADC
Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode
Range in a 48-Lead Plastic LQFP
LTC2328/LTC2327/
LTC2326
18-Bit/16-Bit, 1Msps/500ksps/250ksps Serial,
Low Power ADC
5V Supply, ±10.24V True Bipolar, Pseudo Differential Input, 95dB SNR,
Pin-Compatible Family in MSOP-16 Packages
LTC2338/LTC2337/
LTC2336
18-Bit/16-Bit, 1Msps/500ksps/250ksps Serial,
Low Power ADC
5V Supply, ±10.24V True Bipolar, Pseudo Differential Input, 100dB SNR,
Pin-Compatible Family in MSOP-16 Packages
LTC2379/LTC2378/
LTC2377/LTC2376
18-Bit/16-Bit, 1Msps/500ksps, 250ksps Serial,
Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
Figure 20. Simultaneous Sampled Line Current and Voltage Measurements with Two LTC2338-18 ADCs
LTM2893
VL
VCC
VL2
VCC2
CNV
BUSY
SS
SCK
MISOA
MISOB
CNV2
BUSY2
BUSYS
SCK2
MISOA2
MISOB2
CNV
RDL
CHAIN
VDD
VREF
VREF
3Vi
5Vi
5Vi
3Vi
5V
3.3V
REFIN
OVDD
REFBUF
VDDLBYP
IN+
IN–
VIN
SHDN
VOUT_F
VOUT_S
0.1µF
10µF
47µF
50
50
2.2µF
100pF
2.2µF
OUT1
OUT2
V+
SHDN
V–
LTC2338-18
LT6350
1k
200k
LTC6655-1.25
MASTER
FPGA
(HOST)
28931 F20
1µF
1µF
5Vi
REFBUF = 2.5V
BIPOLAR INPUT RANGE
±6.25V
–5Vi
BUSY
SCK
SDO
+
–
+
–
–IN1
+IN1
+IN2
CNV
RDL
CHAIN
VDD
VREF
5Vi
3Vi
REFIN
OVDD
REFBUF
VDDLBYP
IN+
IN–
0.1µF
10µF
47µF
50
50
2.2µF
100pF
OUT1
OUT2
V+
SHDN
V–
LTC2338-18
LT6350
1µF
1µF
5Vi
–5Vi
BUSY
SCK
SDO
+
–
+
–
–IN1
+IN1
+IN2
9.8M
LINE
1k
1k
10k
10k
50m
RSENSE
NEUTRAL
120VAC
5Vi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com