Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS39513 Datasheet(PDF) 60 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 60 Page - ams AG

Back Button AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
Page 60
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
OVWRT – Measurement overwrite flag.
0 = No measurements have been overwritten.
1 = At least one measurement has been overwritten.
EEFULL – The EEPROM is full.
0 = More measurements can be logged.
1 = At least one measurement was not logged due to a lack of
EEPROM space.
ACTIVE – Controller state.
0 = Controller is in the IDLE or WAIT modes.
1 = Controller is in the ACTIVE mode.
MEASPTR[11:0] – Measurement pointer. The EEPROM value is
the pointer value at the end of a logging operation. The register
copy of this measurement pointer will also be updated with
each EEPROM write during logging so that it always points to
the next logging location. The upper 10 bits of this 12-bit value
is the address in the Application and Measurement EEPROM
area to which to write. The two LSB’s represent the current bit
position. The logging values are all 2, 6, 8, or 10-bit values, so
they will always fall on one of the four two-bit boundaries in a
byte.
WAKEMD – Wakeup mode.
0 = The AS39513 always reinitializes after a power-up reset but
the MEASCNT and MEASPTR values in EEPROM from any
previous data logging will be retained as long as the chip stays
in idle mode.
1 = The AS39513 will skip to ACTIVE mode after a power-up reset
if ACTIVE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com