Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS39513 Datasheet(PDF) 40 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 40 Page - ams AG

Back Button AS39513 Datasheet HTML 36Page - ams AG AS39513 Datasheet HTML 37Page - ams AG AS39513 Datasheet HTML 38Page - ams AG AS39513 Datasheet HTML 39Page - ams AG AS39513 Datasheet HTML 40Page - ams AG AS39513 Datasheet HTML 41Page - ams AG AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
GPIO
When the SPI is not used (CE open or low), the DIN and DOUT
pins can be used as general purpose IOs (unless the SPI direct
command “Set IO Mode” has locked the device in SPI mode).
The functions of the DIN can be programmed as follows
according to the System parameter DIMD[1:0] stored in the
“Logging Control Parameters” address 0x439 (bits 1- 0) in the
EEPROM:
Figure 28:
DIN Functional Options (GPIO)
Bit 1
Bit 0
I/O
Structure
Function
0
0
Input
Pull-down
CMOS input, non-inverting 100k ohm pull down to ground
enabled.
0
1
Input
Pull-up
Pull-up current is supplied to DIN only during a logging event.
1
0
Input
Pull-up
When in the WAIT state, a pull-up current is supplied to DIN. A
falling edge on DIN manually causes a transition from WAIT
mode to ACTIVE mode. If TMSRT is also 1, the event that happens
first (delay or DIN input) causes the transition from WAIT mode
to ACTIVE mode.
1
1
Input
Pull-up
During ACTIVE mode, a pull-up current is supplied to DIN. A
falling edge on DIN generates a logging event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com