Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS39513 Datasheet(PDF) 20 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 20 Page - ams AG

Back Button AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Sensor Measurements
After the battery check, the sensor measurements are made.
The three possible measurement that consist of Temperature,
External Sensor and Battery Voltage are independently enabled
by the System parameters TSMEAS, EXMEAS, and BVMEAS part
of the System EEPROM fields, and they are executed in a fixed
sequence as they are reported below.
First, there is the temperature measurement. If TSMEAS is 1, the
temperature circuits are enabled, and the temperature
configuration values for the references and ADC are loaded.
After a wait period for analog settling, an ADC measurement is
taken, and the result is stored in ts_res_ff[9:0].
Next is the external sensor measurement. If EXMEAS is 1, the
external sensor circuitry is enabled, including the optional
current drive for the external sensor. The external sensor values
for the references and ADC are loaded, and a wait period ensues
to allow for analog settling. After the wait period, an ADC
measurement is taken, and the result is stored in ex_ref_ff[9:0].
Finally, there is the battery voltage measurement. If BVMEAS is
1, the battery measurement circuits are enabled, and the
battery voltage configuration values for the reference and ADC
are loaded. After a wait period for analog settling, an ADC
measurement is taken, and the result is stored in bv_res_ff[9:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com