Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS39513 Datasheet(PDF) 62 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 62 Page - ams AG

Back Button AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
Page 62
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
OSCTRIM[7:0] – Real-time oscillator trim setting. This value is
mapped directly to osc_trim_o[7:0]. See the description of the
Real-Time Oscillator for more information.
ROSTRIM[7:0] – High-speed ring oscillator trim setting. This
value is mapped directly to ros_trim_o[4:0]. See the description
of the High-Speed Oscillator for more information.
LKALL – Lock all memory. If set, this bit will prevent all
Measurement EEPROM from being written directly through
RFID commands. Logging events will still be able to write to the
Measurement memory.
0 = Lock setting depends on individual block lock bits.
1 = Lock all EEPROM Measurement areas from RFID writes.
V0TRIM[4:0] – Main voltage trim setting for the trimmed
reference.
TSENTRIM[3:0] – Temperature sensor bandgap slope trim. This
value is mapped directly to tsen_trim_o[3:0]. See the
description of the Temperature Sensor for more information.
DSF_LK – Lock the data storage format identifier. This bit can
be set through the Lock DSFID command.
0 = The Write DSFID command can change the DSFID value.
1 = The Write DSFID command cannot change the DSFID value.
AFI_LK – Lock the application family identifier. This bit can be
set through the Lock AFI command.
0 = The Write AFI command can change the AFI value.
1 = The Write AFI command cannot change the AFI value.
CHIPREV[7:0] – The chip revision identifier. This value can be
read through the Get System Info RFID command.
8’h11 = AS39513 v2.0.
UID[63:0] – The unique RFID identifier. This value can be read
through the Get System Info RFID command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com