Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS39513 Datasheet(PDF) 72 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 72 Page - ams AG

Back Button AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG AS39513 Datasheet HTML 70Page - ams AG AS39513 Datasheet HTML 71Page - ams AG AS39513 Datasheet HTML 72Page - ams AG AS39513 Datasheet HTML 73Page - ams AG AS39513 Datasheet HTML 74Page - ams AG AS39513 Datasheet HTML 75Page - ams AG AS39513 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
Page 72
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
The details of the AS39513 commands are given in the sections
below.
Inventory Command
Inventory Command Request:
Inventory Command Reply:
After receiving an inventory request, the AS39513 responds
with its data storage format identifier (DSFID) and its 64-bit
unique identifier (UID), both of which are stored in EEPROM.
One slot and multiple slots for anti-collision are supported. The
parameters are a mask length, and a mask value. The mask
length is one byte, and valid values are 0 to 60 when 16 slots
are used and 0 to 64 when 1 slot is used. The length of the mask
value is the number of bits specified in the mask length,
rounded up to the nearest integer number of bytes, with the
MSBs padded with zeros as needed.
The ISO 15693-3 specification, in section 9.2 2, describes a
modulation ignore time (tmit) after the reception of an EOF from
the reader. This is the time for which 10% modulation will be
ignored after an EOF sequence. Manufacturers vary as to which
commands implement this specification and how the ignore
time varies by command. In the AS39513, the tmit parameter is
only applied to the Inventory command. No modulation
masking is used for any of the other commands.
SOF
Flags
Command
Mask Length
Mask Value
CRC
EOF
IFLAGS
0x01
8 bits
0 to 64 bits
16 bits
SOF
Flags
DSFID
UID
CRC
EOF
RFLAGS
8 bits
64 bits
16 bits
2. For more information, please refer to the respective section of ISO/IEC 15693-3 specification (second edition, 2009-04-15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com