Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS39513 Datasheet(PDF) 14 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 14 Page - ams AG

Back Button AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Data Protection
The 9-kbit EEPROM is accessed through a controller that
manages the overall chip operation. Every address in the
memory map is assigned to one of four types of access levels.
There is write protection for three memory areas (System,
Application, and Measurement) using three different 32-bit
passwords. All three memory areas are open for read at all times.
A fourth memory area, called the Factory area, is much more
restricted and is not accessible via RF except for the lock bits
and passwords. This is used for passwords, memory lock bits,
and some calibration information.
For the Application, Measurement and System Access areas the
access via RF remains open until the RF field is removed (the
access via RF will close with the loss of RF field even if the logic
is continuously powered by an external battery). Note if the chip
is powered by a battery these areas will still be accessible by SPI.
The chip also supports a one-time use secure mode. When this
mode is used, the RFID write capability for all Application and
Measurement blocks is blocked. The measurement area can still
be written through the logging operations, but the logging
results cannot be overwritten through the RFID interface even
if the 32-bit password is known.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com