Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2624GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 13Page - Monolithic Power Systems MP2624GL Datasheet HTML 14Page - Monolithic Power Systems MP2624GL Datasheet HTML 15Page - Monolithic Power Systems MP2624GL Datasheet HTML 16Page - Monolithic Power Systems MP2624GL Datasheet HTML 17Page - Monolithic Power Systems MP2624GL Datasheet HTML 18Page - Monolithic Power Systems MP2624GL Datasheet HTML 19Page - Monolithic Power Systems MP2624GL Datasheet HTML 20Page - Monolithic Power Systems MP2624GL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
17
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Trickle charge
Charge Current
Pre-charge
Constant Voltage Charge
CC Fast Charge
Charge Full
VBATT_FULL
VBATT_PRE
VBATT_SHORT
ITC
IBF
IPRE
ICHG
VSYS_MIN
System Voltage
Figure 4: Battery Charge Profile
During the entire charging process, the actual
charge current may be less than the register
setting due to other loop regulations like dynamic
power management (DPM) regulation (input
current limit or input voltage regulation loop), or
thermal regulation. Thermal regulation reduces
the
charge
current,
so
the
IC
junction
temperature does not exceed the pre-set limit.
The multiple thermal regulation thresholds (from
60ºC to 120ºC) help system design meet thermal
requirements for different applications. The
junction temperature regulation threshold can be
set via the REG06 Bit [1:0].
A new charge cycle starts when the following
conditions are valid:
The input power is re-plugged.
Battery charging is enabled by I2C, and
CE
--------
is forced to a low logic.
No thermistor fault.
No safety timer fault.
No battery over voltage.
The BATT FET is not forced to turn off.
Automatic Recharge
When the battery is charged full or the charging
is terminated, the battery may be discharged
because of the system consumption or self-
discharge.
When
the
battery
voltage
is
discharged
below
the
recharge
threshold,
automatically the MP2624 starts a new charging
cycle.
CE
--------
Control
CE
--------
is a logic input pin for enabling or disabling
battery charging by turning on/off the DC/DC or
restarting a new charging cycle. The battery
charging is enabled when the REG01 Bit [5:4] is
set to 01, and CE
--------
is pulled to low logic.
Indication
Apart from multiple status bits designed in the I2C
registers, the MP2624 also has a hardware
status output pin (STAT
----------------
). The status STAT in
different states is shown in Table 1.
Table 1: Operation Indications
Charging State
STAT
Charging
Low
Charging complete,
sleep mode, charge
disable
High
Charging suspended
Blinking at 1Hz
Battery Over-Voltage Protection
The MP2624 is designed with built-in battery
over-voltage protection. When the battery voltage
exceeds VBATT_FULL + 160mV, the MP2624
suspends immediately the charging and asserts
a fault. When battery over-voltage protection
occurs, only the charging is disabled, and the
DC/DC will keep operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com