Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2624GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 14Page - Monolithic Power Systems MP2624GL Datasheet HTML 15Page - Monolithic Power Systems MP2624GL Datasheet HTML 16Page - Monolithic Power Systems MP2624GL Datasheet HTML 17Page - Monolithic Power Systems MP2624GL Datasheet HTML 18Page - Monolithic Power Systems MP2624GL Datasheet HTML 19Page - Monolithic Power Systems MP2624GL Datasheet HTML 20Page - Monolithic Power Systems MP2624GL Datasheet HTML 21Page - Monolithic Power Systems MP2624GL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
18
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Battery Floating Detection
The MP2624 is capable of detecting whether a
battery is connected or not. The following
conditions initiate battery float detection:
Charging is enabled.
Auto-recharge is triggered.
Battery OVP recovery.
Before a charging cycle is initiated, the MP2624
will implement battery floating detection (see
Figure 5). Under this condition, the detection
block sinks a 3mA current for 1.5 seconds to
check if VBATT is lower than 2.1V. If VBATT is higher
than 2.1V, the battery present will be detected.
Otherwise, the MP2624 will continue to source a
3mA current and start a 1 second timer to check
when VBATT exceeds 3.6V. If VBATT is still lower
than 3.6V when the 1 second timer expires, the
battery
present
is
asserted.
The
system
regulation voltage is set to Max (VSYS_MIN, VBATT) +
∆V, and the charging begins to soft start. Before
the 1 second timer expires (as soon as VBATT
rises up to 3.6V), the 3mA sink current source will
be disabled, and the battery absent is detected.
In this case, the charging is disabled, and the
system regulation voltage is set to VBATT_FULL +
∆V.
Battery floating detection flow is shown in Figure
6.
2.1V
3.6V
4.2V
1s
VBATT
VSYS
Battery Always Absent
1.5s
(a) Charging Start-Up with Battery Absent
2.1V
3.6V
4.2V
1s
VBATT
VSYS
1.5s
Battery Always Present
(b) Charging Start-Up with Battery Present
(c) Remove Battery during Charging
Figure 5: Battery Float Detection Examples
System Over-Voltage Protection
The MP2624 always monitors the voltage at
SYS. When system over-voltage is detected
(VSYS > VBATT_FULL+ ∆V +100mV), the DC/DC
converter is turned off, and the system is
powered by the battery via the battery FET.
∆V can be set to 50mV or 100mV via the I2C
register REG01 Bit[0].
During heavy system load transient, System OVP
often happens when load transient from heavy to
light. The timer is suspend when system OVP, so
the timer may transfer between normal and
suspend frequently, the timer counter will receive
a fault timer clock signal, then fault timer out may
happen under this condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com