Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2624GL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 4Page - Monolithic Power Systems MP2624GL Datasheet HTML 5Page - Monolithic Power Systems MP2624GL Datasheet HTML 6Page - Monolithic Power Systems MP2624GL Datasheet HTML 7Page - Monolithic Power Systems MP2624GL Datasheet HTML 8Page - Monolithic Power Systems MP2624GL Datasheet HTML 9Page - Monolithic Power Systems MP2624GL Datasheet HTML 10Page - Monolithic Power Systems MP2624GL Datasheet HTML 11Page - Monolithic Power Systems MP2624GL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
8
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
SYS/BAT comparator
VSYS falling
40
mV
Battery good comparator
(Threshold compared with
VSYS_MIN)
VBATT rising to the battery
FET being turned on fully
60
mV
VBATT falling
-40
mV
Battery Charger
Battery charge full voltage
[I
2C]
VBATT_FULL
Depends on the I
2C setting
default
(REG04[7:2] = 110000): 4.2V
3.48
4.425
V
Charge voltage regulation
accuracy
VBATT_FULL = 4.2V
-0.5
0.5
%
Constant current charge
current [I
2C]
Depends on the I
2C setting
0.512
4.544
A
Charge current regulation
accuracy
ICHG = 2A
-5
5
%
Battery pre-charge threshold
[I
2C]
VBATT_PRE REG04[4]=1, VBATT rising
2.8
3.0
3.1
V
Battery pre-charge hysteresis
VBATT falling
220
mV
Battery short threshold
VBATT SHORT VBATT rising
2.0
2.1
2.2
V
Battery short threshold
hysteresis
VBATT falling
130
mV
Trickle-charge current
ITC
VBATT = 1.8V
128
mA
Pre-charge current [I
2C]
IPRE
Depends on the I
2C setting
64
1024
mA
Pre-charge current accuracy
VBATT = 2.6V, IPRE = 256mA
-25
25
%
Termination current [I
2C]
IBF
Depends on the l
2C setting
128
1024
mA
Termination current accuracy
VBATT_FULL = 4.2V,
IBF = 512mA
-30
30
%
VBATT_FULL = 4.2V,
IBF = 128mA
15
98
250
mA
Recharge threshold below
VBATT FULL
VRECH
REG04[0] = 1
180
mV
Recharge threshold delay
20
ms
BATT to SYS FET on
resistance
RBATFET
VBATT = 3.8V
10
15
mΩ
Battery
discharge
peak
current limit
IDSG_LMT
VIN = 0V, VBATT = 3.8V, OTG
disabled, ISYS rising
11
A
Battery
discharge
function
controlled by DISC
tDISC
DISC pulled low time period
to turn off the battery
discharge function
6.6
s
DISC pulled high and low
time period to turn on the
battery discharge function
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com