Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2624GL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 19Page - Monolithic Power Systems MP2624GL Datasheet HTML 20Page - Monolithic Power Systems MP2624GL Datasheet HTML 21Page - Monolithic Power Systems MP2624GL Datasheet HTML 22Page - Monolithic Power Systems MP2624GL Datasheet HTML 23Page - Monolithic Power Systems MP2624GL Datasheet HTML 24Page - Monolithic Power Systems MP2624GL Datasheet HTML 25Page - Monolithic Power Systems MP2624GL Datasheet HTML 26Page - Monolithic Power Systems MP2624GL Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
23
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DM/DP USB Detection
The USB ports in personal computers are
convenient places for portable devices (PDs) to
draw current for charging batteries. If the portable
device is attached to a USB host of hub, then the
USB specification requires the portable device to
draw a limited current (100mA/500mA in USB2.0,
and 150mA/ 900mA in USB3.0). When the
device is attached to a charging port, it is allowed
to draw more than 1.5A.
The MP2624 features input source detection
compatible
with
the
Battery
Charging
Specification Revision 1.2 (BC1.2) to program
the input current limit during default mode. The
user can force DP/DM detection in the host mode
by writing 1 to REG07 Bit [7].
When the input source is first applied, the input
current limit begins with 100mA by default. If the
input source passes the input source qualification,
the MP2624 starts DP/DM detection. The DP/DM
detection circuit is shown in Figure 10.
The DP/DM detection has two steps:
1. Data Contact Detection (DCD)
2. Primary Detection.
DCD detection uses a current source to detect
when the data pins have made contact during an
attach event. The protocol for data contact detect
is as follows:
The power device (PD) detects VIN
asserted.
The PD turns on DP IDP_SRC and the DM
pull-down resistor for 40ms.
The PD waits for the DP line to be low.
The PD turns off IDP_SRC and the DM pull-
down resistor when the DP line is
detected as low or the 40ms timer is
expired.
DCD allows the PD to start primary detection as
soon as the data pins have made contact. Once
the data contact is detected, the MP2624 will
jump to the primary detection immediately. If the
data contact is not detected, the MP2624 will
jump automatically to the primary detection after
300ms from the beginning of the DCD.
Primary detection is used to distinguish between
the USB host (or SDP) and different types of
charging ports.
During primary detection, the PD turns on the
VDP_SRC on DP and the IDM_SINK on DM. If the
portable device is attached to a USB host, the
DM is low.
Figure 9 shows the USB detection flow chart.
To be compatible with the USB specification and
BC1.2, set the input current limit according to the
values listed in Table 2.
Table 2: Input Current Limit vs. USB Type
DP/DM
Detection
OTG
IIN_LMT
REG08 [7:6]
Floating
X
100mA
00
SDP
LOW
100mA
10
SDP
HIGH
500mA
10
DCP
X
1.8A
01
The USB detection runs as soon as the VIN is
detected and is independent of the charge
enable status. After the DP/DM detection is
complete, the MP2624 will set the input current
limit according to Table 2 and assert the USB
port type in REG08 Bit [7-6]. The host is able to
revise the input current limit as well according to
the USB port type asserted in the REG08 Bit
[7:6].
VDP_SRC
VLGC_HI
IDP_SRC
CHG_DET
VDAT_REF
IDM_SINK
DP
DM
RDM_DWN
Figure 10: DP/DM Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com