Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2624GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 16Page - Monolithic Power Systems MP2624GL Datasheet HTML 17Page - Monolithic Power Systems MP2624GL Datasheet HTML 18Page - Monolithic Power Systems MP2624GL Datasheet HTML 19Page - Monolithic Power Systems MP2624GL Datasheet HTML 20Page - Monolithic Power Systems MP2624GL Datasheet HTML 21Page - Monolithic Power Systems MP2624GL Datasheet HTML 22Page - Monolithic Power Systems MP2624GL Datasheet HTML 23Page - Monolithic Power Systems MP2624GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
20
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Input Voltage Based and Input Current Based
Power Management
To meet the maximum current limit for the USB
specification and avoid overloading the adapter,
the MP2624 features both input current and input
voltage power management by continuously
monitoring the input current and input voltage.
The total input current limit is programmable to
prevent the input source from being overloaded.
When the input current hits the limit, the charge
current tapers off to keep the input current from
increasing further.
If the pre-set input current limit is higher than the
rating of the adapter, the back-up input voltage
based power management works to prevent the
input source from being overloaded. When the
input voltage falls below the input voltage
regulation threshold, due to the heavy load, the
charge current is reduced to keep the input
voltage from dropping further.
During CV mode, while battery voltage has been
charged to the value only 100mV lower than the
battery full threshold, if the power path
management happens and charge current drops
be lower than IBF, the charge full will be fault
detected.
The operation of the power path management is
applied in the following two cases:
As mentioned in the “NVDC Power Structure”
section,
a) When VBATT < VSYS_MIN + 60mV, the system
voltage is regulated at Max (VSYS_MIN, VBATT) +
∆V. If the input current or voltage regulation
threshold is reached, the system voltage loop
will lose the control of the DC/DC converter,
which will cause system voltage drops. Once
the system voltage drops by 2%VSYS_MIN, the
charge current will be decreased to keep the
system voltage from dropping further.
b) When VBATT > VSYS_MIN + 60mV (since the
battery is connected to the system directly
due to the free transition between each
control loop), the charge current will decrease
automatically when the input current limit or
the voltage regulation threshold is reached.
Battery Supplement Mode
During battery supplement mode, the charge
current is reduced to keep the input current or
input voltage from dropping when DPM occurs. If
the input source is still overloaded, even when
the charge current has decreased to zero, the
system voltage starts to fall off. Once the system
voltage falls below the battery voltage, the
MP2624 enters battery supplement mode. The
battery will power both the system and the
DC/DC converter simultaneously.
An ideal diode mode is designed in the MP2624
to optimize the control transition between the
battery FET and DC/DC converter. The battery
FET will enter ideal diode mode under the
following conditions:
a) Charging start-up when VBATT > VSYS_MIN + ∆V.
b) When VBATT < VSYS_MIN +∆V, if the system
voltage drops below the battery voltage, the
battery FET will enter ideal diode mode.
During ideal diode mode, the battery FET
operates as an ideal diode. When the system
voltage is 40mV below the battery voltage, the
battery FET turns on and regulates the gate drive
of the battery FET; the VDS of the battery FET
remains around 20mV. As the discharge current
increases, the battery FET obtains a stronger
gate drive and a smaller RDS until the battery FET
is fully on.
NTC
(Negative
Temperature
Coefficient)
Thermistor
“Thermistor” is the generic name given to a
thermally sensitive resistor. Generally, a negative
temperature coefficient thermistor is called a
thermistor. Depending on the manufacturing
method and the structure, there are many
thermistor shapes and characteristics for various
applications. The thermistor resistance values,
unless otherwise specified, are classified at a
standard temperature of 25ºC. The resistance of
a temperature is solely a function of its absolute
temperature.
Refer
to
the
thermistor
datasheet.
The
mathematical expression, which relates to the
resistance and the absolute temperature of a
thermistor, is shown in Equation (1):
11
T1 T2
12
RR e
 




(1)
Where R1 is the resistance at the absolute
temperature T1, R2 is the resistance at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com