Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Higher Capacitance per Case Size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  381LQ331M350J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
381LQ
821
M
160
J04
2
A
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Sleeve
Pin Style
381LQ 821 =820 µF
M = ±20%
160 = 160 Vdc
2 = PVC
Blank = 2 pins
332 = 3300 µF
450 = 450 Vdc
snap-in 6.3 mm L
103 = 10,000 µF
A = 2 pins snap-in
4.0 mm L
Outline Drawing
DIAMETER
LENGTH
Typical
DIAMETER
LENGTH
Typical
Case
D
L
Weight
Case
D
L
Weight
Code mm inches
mm
inches
(grams)
Code
mm
inches
mm
inches
(grams)
H01
22
0.87
25
0.98
16
K01
30
1.18
25
0.98
30
H02
22
0.87
30
1.18
19
K02
30
1.18
30
1.18
35
H03
22
0.87
35
1.38
22
K03
30
1.18
35
1.38
40
H04
22
0.87
40
1.57
24
K04
30
1.18
40
1.57
44
H45
22
0.87
45
1.77
28
K45
30
1.18
45
1.77
49
H05
22
0.87
50
1.97
31
K05
30
1.18
50
1.97
53
J01
25
0.98
25
0.98
20
A01
35
1.38
25
0.98
42
J02
25
0.98
30
1.18
24
A02
35
1.38
30
1.18
48
J03
25
0.98
35
1.38
27
A03
35
1.38
35
1.38
54
J04
25
0.98
40
1.57
31
A04
35
1.38
40
1.57
60
J45
25
0.98
45
1.77
35
A45
35
1.38
45
1.77
67
J05
25
0.98
50
1.97
38
A05
35
1.38
50
1.97
74
Insulated Case Dimensions
Part Numbering System
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
1.5 0.2
2.0max.
4.0 mm pin length
option (add “A” to end
of part#)
Top of
Capacitor
Body
0.8 +0.2
-0.1
3.5
1.5 0.2
2.0max.
6.3 mm pin length
Top of
Capacitor
Body
0.8
+0.2
-0.1
L ± 2 max.
Dimensions shown are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com