Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Higher Capacitance per Case Size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  381LQ331M350J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
Ratings
Cap.
(uF)
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
10 Vdc (13 Vdc Surge)
12000
381LQ123M010H012
0.076
0.065
2.20
2.53
22 x 25
18000
381LQ183M010H022
0.051
0.043
2.40
2.76
22 x 30
22000
381LQ223M010H032
0.041
0.035
2.60
2.99
22 x 35
27000
381LQ273M010J032
0.034
0.029
3.10
3.57
25 x 35
33000
381LQ333M010J042
0.028
0.023
3.40
3.91
25 x 40
39000
381LQ393M010K032
0.026
0.022
3.70
4.26
30 x 35
47000
381LQ473M010K032
0.024
0.022
4.20
4.83
30 x 35
56000
381LQ563M010K042
0.023
0.021
5.00
5.75
30 x 40
68000
381LQ683M010K452
0.022
0.020
5.40
6.21
30 x 45
82000
381LQ823M010A452
0.021
0.019
6.10
7.02
35 x 45
100000
381LQ104M010A052
0.020
0.019
6.90
7.94
35 x 50
16 Vdc (20 Vdc Surge)
10000
381LQ103M016H012
0.075
0.063
2.60
2.99
22 x 25
12000
381LQ123M016H022
0.062
0.053
2.90
3.34
22 x 30
15000
381LQ153M016H032
0.050
0.042
3.20
3.68
22 x 35
18000
381LQ183M016H032
0.041
0.035
3.50
4.03
22 x 35
22000
381LQ223M016H042
0.034
0.029
3.80
4.37
22 x 40
27000
381LQ273M016H052
0.028
0.023
4.20
4.83
22 x 50
27000
381LQ273M016K022
0.028
0.023
4.20
4.83
30 x 30
33000
381LQ333M016K032
0.023
0.019
4.70
5.41
30 x 35
39000
381LQ393M016K042
0.022
0.018
5.10
5.87
30 x 40
47000
381LQ473M016K452
0.016
0.014
5.50
6.33
30 x 45
56000
381LQ563M016A452
0.020
0.018
6.00
6.90
35 x 45
25 Vdc (32 Vdc Surge)
6800
381LQ682M025H022
0.085
0.064
2.40
2.76
22 x 30
8200
381LQ822M025H022
0.071
0.053
2.70
3.11
22 x 30
10000
381LQ103M025J022
0.058
0.044
3.00
3.45
25 x 30
12000
381LQ123M025J022
0.048
0.036
3.20
3.68
25 x 30
15000
381LQ153M025J032
0.039
0.029
3.60
4.14
25 x 35
18000
381LQ183M025J042
0.032
0.024
3.90
4.49
25 x 40
22000
381LQ223M025J452
0.026
0.020
4.30
4.95
25 x 45
27000
381LQ273M025K042
0.021
0.016
4.80
5.52
30 x 40
33000
381LQ333M025K452
0.018
0.013
5.50
6.33
30 x 45
39000
381LQ393M025A452
0.017
0.014
5.80
6.67
35 x 45
47000
381LQ473M025A052
0.017
0.014
6.30
7.25
35 x 50
35 Vdc (44 Vdc Surge)
4700
381LQ472M035H012
0.106
0.079
2.20
2.53
22 x 25
5600
381LQ562M035H022
0.089
0.067
2.40
2.76
22 x 30
5600
381LQ562M035J012
0.089
0.067
2.40
2.76
25 x 25
6800
381LQ682M035J022
0.073
0.055
2.60
2.99
25 x 30
8200
381LQ822M035J022
0.061
0.045
2.90
3.34
25 x 30
10000
381LQ103M035J032
0.050
0.037
3.20
3.68
25 x 35
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com