Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Higher Capacitance per Case Size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button 381LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
200 Vdc (250 Vdc Surge)
1000
381LQ102M200K032
0.199
0.090
2.30
3.22
30 x 35
1200
381LQ122M200J052
0.166
0.075
2.65
3.71
25 x 50
1200
381LQ122M200K032
0.166
0.075
2.65
3.71
30 x 35
1500
381LQ152M200K042
0.133
0.060
2.80
3.92
30 x 40
1500
381LQ152M200K452
0.133
0.060
2.80
3.92
30 x 45
1500
381LQ152M200A042
0.133
0.084
2.80
3.92
35 x 40
1800
381LQ182M200K452
0.110
0.050
3.08
4.31
30 x 45
1800
381LQ182M200K052
0.111
0.050
3.08
4.31
30 x 50
1800
381LQ182M200A042
0.129
0.084
3.08
4.31
35 x 40
2200
381LQ222M200K052
0.090
0.041
3.48
4.87
30 x 50
2200
381LQ222M200A452
0.096
0.044
3.48
4.87
35 x 45
2200
381LQ222M200A052
0.096
0.044
3.48
4.87
35 x 50
250 Vdc (300 Vdc Surge)
270
381LQ271M250H022
0.737
0.331
1.10
1.54
22 x 30
330
381LQ331M250H022
0.502
0.226
1.20
1.68
22 x 30
390
381LQ391M250J032
0.510
0.229
1.30
1.82
25 x 35
470
381LQ471M250J032
0.353
0.159
1.30
1.82
25 x 35
560
381LQ561M250J032
0.296
0.133
1.50
2.10
25 x 35
680
381LQ681M250H052
0.244
0.110
1.70
2.38
22 x 50
680
381LQ681M250J452
0.244
0.110
1.70
2.38
25 x 45
680
381LQ681M250K022
0.244
0.110
1.70
2.38
30 x 30
820
381LQ821M250J452
0.202
0.091
2.00
2.80
25 x 45
820
381LQ821M250K032
0.202
0.091
2.00
2.80
30 x 35
1000
381LQ102M250K042
0.166
0.075
2.20
3.08
30 x 40
1000
381LQ102M250K052
0.166
0.075
2.20
3.08
30 x 50
1200
381LQ122M250K452
0.138
0.062
2.30
3.22
30 x 45
1200
381LQ122M250A032
0.138
0.062
2.30
3.22
35 x 35
1500
381LQ152M250A452
0.110
0.050
2.50
3.50
35 x 45
1800
381LQ182M250A452
0.092
0.041
2.50
3.50
35 x 45
1800
381LQ182M250A052
0.092
0.041
2.70
3.78
35 x 50
315 Vdc (365 Vdc Surge)
150
381LQ151M315H022
1.330
0.600
0.82
1.15
22 x 30
180
381LQ181M315H022
1.110
0.500
0.86
1.20
22 x 30
220
381LQ221M315H032
0.900
0.410
0.98
1.37
22 x 35
270
381LQ271M315J032
0.740
0.330
1.10
1.54
25 x 35
330
381LQ331M315J042
0.600
0.270
1.20
1.68
25 x 40
390
381LQ391M315J042
0.510
0.230
1.30
1.82
25 x 40
390
381LQ391M315K022
0.425
0.191
1.30
1.82
30 x 30
470
381LQ471M315J452
0.420
0.190
1.40
1.96
25 x 45
470
381LQ471M315K032
0.353
0.159
1.40
1.96
30 x 35
560
381LQ561M315J052
0.360
0.160
1.50
2.10
25 x 50
560
381LQ561M315K042
0.296
0.133
1.50
2.10
30 x 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com