Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Higher Capacitance per Case Size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  381LQ331M350J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
Type 381LQ is on average 23% smaller and more than 5 mm
shorter than Type 381LX. This is achieved with a new can
closure method that permits installing capacitor elements into
smaller cans. Approaching the robust capability of the 381L
the new 381LQ enables you to shrink equipment size and
retain the original performance.
Highlights
- More capacitance per case
- Compares to the 381L
Specifications
Temperature Range
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage Range
10 Vdc to 450 Vdc
Capacitance Range
100 µF to 100,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 10 (10 Vdc)
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–450 Vdc)
Endurance Life Test
2000 h at full load at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1000 h at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
105 ºC
2.35
2.20
2.00
1.70
1.00
Voltage
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
10 - 100 WV 0.93
0.95
1.00
1.05
1.08
1.15
160 - 450 WV 0.75
0.80
1.00
1.20
1.25
1.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 381LQ331M350J042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ331M350J042 CDE-381LQ331M350J042 Datasheet
439Kb / 7P
Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

Similar Description - 381LQ331M350J042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
Ultra High Capacitance, Small Case Size Options
SLPX CDE-SLPX Datasheet
376Kb / 9P
Small case size with high capacitance
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
High Capacitance per Case Size
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
Chip Type, Higher Capacitance LongLife Assurance
PLG NICHICON-PLG Datasheet
889Kb / 2P
Radial Lead Type, Higher Capacitance
PCG NICHICON-PCG Datasheet
960Kb / 2P
Chip Type, Higher Capacitance
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
High capacitance in given case size
logo
Nichicon corporation
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
Chip Type, Higher Capacitance Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com