Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Higher Capacitance per Case Size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  381LQ331M350J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
12000
381LQ123M035J042
0.041
0.031
3.50
4.03
25 x 40
15000
381LQ153M035K042
0.033
0.025
3.90
4.49
30 x 40
18000
381LQ183M035K452
0.028
0.021
4.30
4.95
30 x 45
22000
381LQ223M035K452
0.023
0.017
5.00
5.75
30 x 45
27000
381LQ273M035A052
0.018
0.014
5.30
6.10
35 x 50
33000
381LQ333M035A052
0.015
0.012
5.90
6.79
35 x 50
50 Vdc (63 Vdc Surge)
2700
381LQ272M050H012
0.154
0.115
1.80
2.07
22 x 25
3300
381LQ332M050H012
0.126
0.094
2.00
2.30
22 x 25
3900
381LQ392M050J012
0.106
0.080
2.20
2.53
25 x 25
4700
381LQ472M050H032
0.088
0.066
2.50
2.88
22 x 35
5600
381LQ562M050J032
0.074
0.056
2.80
3.22
25 x 35
6800
381LQ682M050H452
0.061
0.046
3.30
3.80
22 x 45
8200
381LQ822M050A032
0.051
0.038
3.60
4.14
35 x 35
10000
381LQ103M050J052
0.041
0.031
4.00
4.60
25 x 50
12000
381LQ123M050K452
0.035
0.026
4.50
5.18
30 x 45
15000
381LQ153M050K452
0.028
0.021
4.80
5.52
30 x 45
18000
381LQ183M050A452
0.023
0.018
5.60
6.44
35 x 45
63 Vdc (79 Vdc Surge)
2200
381LQ222M063H022
0.151
0.113
2.00
2.30
22 x 30
2700
381LQ272M063H042
0.123
0.092
2.20
2.53
22 x 40
3300
381LQ332M063H042
0.100
0.075
2.50
2.88
22 x 40
3900
381LQ392M063J022
0.085
0.064
2.70
3.11
25 x 30
4700
381LQ472M063J032
0.071
0.053
3.00
3.45
25 x 35
5600
381LQ562M063K022
0.059
0.044
3.30
3.80
30 x 30
6800
381LQ682M063K042
0.049
0.037
3.60
4.14
30 x 40
8200
381LQ822M063A032
0.040
0.030
3.90
4.49
35 x 35
10000
381LQ103M063K452
0.033
0.025
4.40
5.06
30 x 45
12000
381LQ123M063K052
0.028
0.021
4.80
5.52
30 x 50
15000
381LQ153M063A052
0.022
0.018
5.40
6.21
35 x 50
80 Vdc (100 Vdc Surge)
1200
381LQ122M080H022
0.235
0.176
1.50
1.73
22 x 30
1500
381LQ152M080H022
0.188
0.141
1.70
1.96
22 x 30
1800
381LQ182M080H032
0.157
0.117
1.80
2.07
22 x 35
2200
381LQ222M080H042
0.128
0.096
2.10
2.42
22 x 40
2700
381LQ272M080J042
0.104
0.078
2.40
2.76
25 x 40
3300
381LQ332M080J042
0.085
0.064
2.60
2.99
25 x 40
3900
381LQ392M080K042
0.072
0.054
3.00
3.45
30 x 40
4700
381LQ472M080K042
0.060
0.045
3.30
3.80
30 x 40
5600
381LQ562M080K452
0.050
0.038
3.70
4.26
30 x 45
6800
381LQ682M080K052
0.041
0.031
3.90
4.49
30 x 50
8200
381LQ822M080A452
0.034
0.027
4.50
5.18
35 x 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com