Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Higher Capacitance per Case Size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 10Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 11Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
-10
-5
0
5
10
15
20
25
30
35
0
2000
4000
6000
8000
10000
Hours @ Rated Max Temp, Voltage, Ripple
Life Test 105 ⁰C Full Load, 220 µF, 400 Vdc
Capacitance, DF, Leakage Current
DF
DCL
C
Typical Performance Curves
Cap.
(uF)
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
420 Vdc (470 Vdc Surge)
270
381LQ271M420K022
0.675
0.305
1.20
1.70
30 x 30
330
381LQ331M420K032
0.550
0.250
1.40
2.00
30 x 35
330
381LQ331M420A032
0.550
0.250
1.40
2.00
35 x 35
390
381LQ391M420K042
0.470
0.210
1.55
2.15
30 x 40
390
381LQ391M420A032
0.470
0.210
1.55
2.15
35 x 35
470
381LQ471M420K452
0.390
0.175
1.70
2.40
30 x 45
470
381LQ471M420A032
0.390
0.175
1.70
2.40
35 x 35
560
381LQ561M420K052
0.330
0.150
1.90
2.65
30 x 50
560
381LQ561M420A452
0.330
0.150
1.90
2.65
35 x 45
680
381LQ681M420A052
0.270
0.120
2.10
2.95
35 x 50
450 Vdc (500 Vdc Surge)
100
381LQ101M450H022
1.820
0.820
0.65
0.90
22 x 30
120
381LQ121M450H032
1.659
0.746
0.70
1.00
22 x 35
150
381LQ151M450H032
1.327
0.594
0.80
1.10
22 x 35
150
381LQ151M450J022
1.216
0.547
0.79
1.11
25 x 30
180
381LQ181M450H042
1.106
0.498
1.00
1.43
22 x 40
180
381LQ181M450K022
1.013
0.456
0.87
1.22
30 X 30
220
381LQ221M450J452
0.905
0.317
1.12
1.52
25 x 45
220
381LQ221M450K022
0.829
0.373
1.00
1.40
30 X 30
270
381LQ271M450K032
0.675
0.304
1.10
1.50
30 X 35
270
381LQ271M450K042
0.675
0.304
1.19
1.67
30 X 40
330
381LQ331M450K042
0.553
0.249
1.25
1.75
30 X 40
330
381LQ331M450K452
0.553
0.249
1.38
1.93
30 X 45
330
381LQ331M450A032
0.553
0.249
1.38
1.93
35 X 35
390
381LQ391M450K452
0.468
0.210
1.40
1.95
30 X 45
390
381LQ391M450K052
0.680
0.210
1.55
2.17
30 X 50
390
381LQ391M450A042
0.468
0.210
1.55
2.17
35 X 40
470
381LQ471M450A452
0.388
0.175
1.74
2.44
35 X 45
560
381LQ561M450A052
0.326
0.147
1.90
2.66
35 X 50
0
20
40
60
80
100
120
140
160
180
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
3500
4000
Hours @ Rated Max Temp, Voltage, Ripple
Life Test 105 ºC Full Load, 1500 µF, 200 Vdc
Capacitance, DF, Leakage Current
DCL
DF
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com