Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6284
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6284 Datasheet HTML 3Page - Microchip Technology MCP6284 Datasheet HTML 4Page - Microchip Technology MCP6284 Datasheet HTML 5Page - Microchip Technology MCP6284 Datasheet HTML 6Page - Microchip Technology MCP6284 Datasheet HTML 7Page - Microchip Technology MCP6284 Datasheet HTML 8Page - Microchip Technology MCP6284 Datasheet HTML 9Page - Microchip Technology MCP6284 Datasheet HTML 10Page - Microchip Technology MCP6284 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2004 Microchip Technology Inc.
DS21811D-page 7
MCP6281/2/3/4/5
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 10 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-13:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-14:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-15:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-16:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-17:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-18:
Slew Rate vs. Ambient
Temperature.
0
100
200
300
400
500
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Gain
Phase
0.1
1
10
100
1k
10k 100k 1M 10M 100M
0.1
1
10
Frequency (Hz)
VDD = 2.2V
1k
10k
100k
1M
VDD = 5.5V
10M
1
10
100
1000
0.01
0.1
1
10
Output Current Magnitude (mA)
VOL - VSS
VDD - VOH
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
60
65
70
75
80
85
90
Gain Bandwidth Product
VDD = 5.5V
VDD = 2.2V
VDD = 2.2V
VDD = 5.5V
Phase Margin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Rising Edge, VDD = 2.2V
Rising Edge, VDD = 5.5V
Falling Edge, VDD = 5.5V
Falling Edge, VDD = 2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com