Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6284
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6284 Datasheet HTML 7Page - Microchip Technology MCP6284 Datasheet HTML 8Page - Microchip Technology MCP6284 Datasheet HTML 9Page - Microchip Technology MCP6284 Datasheet HTML 10Page - Microchip Technology MCP6284 Datasheet HTML 11Page - Microchip Technology MCP6284 Datasheet HTML 12Page - Microchip Technology MCP6284 Datasheet HTML 13Page - Microchip Technology MCP6284 Datasheet HTML 14Page - Microchip Technology MCP6284 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2004 Microchip Technology Inc.
DS21811D-page 11
MCP6281/2/3/4/5
4.0
APPLICATION INFORMATION
The MCP6281/2/3/4/5 family of op amps is manufac-
tured
using
Microchip's
state-of-the-art
CMOS
process. This family is specifically designed for low-
cost, low-power and general purpose applications.
The low supply voltage, low quiescent current and
wide bandwidth makes the MCP6281/2/3/4/5 ideal for
battery-powered applications.
4.1
Rail-to-Rail Inputs
The MCP6281/2/3/4/5 op amp is designed to prevent
phase reversal when the input pins exceed the supply
voltages. Figure 4-1 shows the input voltage exceeding
the supply voltage without any phase reversal.
FIGURE 4-1:
The MCP6281/2/3/4/5 Show
No Phase Reversal.
The input stage of the MCP6281/2/3/4/5 op amps use
two differential CMOS input stages in parallel. One
operates at low common mode input voltage (VCM),
while the other operates at high VCM. With this
topology, the device operates with VCM up to 0.3V
above VDD and 0.3V below VSS. The Input Offset Volt-
age (VOS) is measured at VCM =VSS –0.3V and
VDD + 0.3V to ensure proper operation.
Input voltages that exceed the absolute maximum
voltage (VSS – 0.3V to VDD + 0.3V) can cause
excessive current to flow into or out of the input pins.
Current beyond ±2 mA can cause reliability problems.
Applications that exceed this rating must be externally
limited with a resistor, as shown in Figure 4-2.
FIGURE 4-2:
Input Current Limiting
Resistor (RIN).
4.2
Rail-to-Rail Output
The output voltage range of the MCP6281/2/3/4/5 op
amp is VDD –15mV (min.) and VSS +15mV (max.)
when
RL =10kΩ is connected to VDD/2 and
VDD = 5.5V. Refer to Figure 2-16 for more information.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. A unity-gain buffer (G = +1) is the most
sensitive to capacitive loads, though all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-3) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will generally be lower than the bandwidth
with no capacitive load.
FIGURE 4-3:
Output Resistor, RISO
stabilizes large capacitive loads.
Figure 4-4 gives recommended RISO values for differ-
ent capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit's noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
-1
0
1
2
3
4
5
6
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
Time (1 ms/div)
VDD = 5.0V
G = +2 V/V
VIN
VOUT
R
IN
V
SS
Minimum expected V
IN
()
–
2 mA
------------------------------------------------------------------------------
≥
R
IN
Maximum expected V
IN
() V
DD
–
2 mA
----------------------------------------------------------------------------------
≥
VIN
RIN
VOUT
–
+
MCP628X
VIN
RISO
VOUT
CL
–
+
MCP628X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com