Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6284
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6284 Datasheet HTML 10Page - Microchip Technology MCP6284 Datasheet HTML 11Page - Microchip Technology MCP6284 Datasheet HTML 12Page - Microchip Technology MCP6284 Datasheet HTML 13Page - Microchip Technology MCP6284 Datasheet HTML 14Page - Microchip Technology MCP6284 Datasheet HTML 15Page - Microchip Technology MCP6284 Datasheet HTML 16Page - Microchip Technology MCP6284 Datasheet HTML 17Page - Microchip Technology MCP6284 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP6281/2/3/4/5
DS21811D-page 14
 2004 Microchip Technology Inc.
4.8.3
CASCADED OP AMP
APPLICATIONS
The MCP6285 provides the flexibility of Low-power
mode for dual op amps in an 8-pin package. The
MCP6285 eliminates the added cost and space in
battery-powered applications by using two single op
amps with Chip Select lines or a 10-pin device with one
Chip Select line for both op amps. Since the two op
amps are internally cascaded, this device cannot be
used in circuits that require active or passive elements
between the two op amps. However, there are several
applications where this op amp configuration with
Chip Select line becomes suitable. The circuits below
show possible applications for this device.
4.8.3.1
Load Isolation
With the cascaded op amp configuration, op amp B can
be used to isolate the load from op amp A. In applica-
tions where op amp A is driving capacitive or low resis-
tance loads in the feedback loop (such as an integrator
circuit or filter circuit), the op amp may not have
sufficient source current to drive the load. In this case,
op amp B can be used as a buffer.
FIGURE 4-9:
Isolating the Load with a
Buffer.
4.8.3.2
Cascaded Gain
Figure 4-10 shows a cascaded gain circuit configura-
tion with Chip Select. Op amps A and B are configured
in a non-inverting amplifier configuration. In this
configuration, it is important to note that the input offset
voltage of op amp A is amplified by the gain of
op amp A and B, as shown below:
Therefore, it is recommended to set most of the gain
with op amp A and use op amp B with relatively small
gain (e.g., a unity-gain buffer).
FIGURE 4-10:
Cascaded Gain Circuit
Configuration.
4.8.3.3
Difference Amplifier
Figure 4-11 shows op amp A configured as a difference
amplifier with Chip Select. In this configuration, it is
recommended to use well-matched resistors (e.g.,
0.1%) to increase the Common Mode Rejection Ratio
(CMRR). Op amp B can be used to provide additional
gain and isolate the load from the difference amplifier.
FIGURE 4-11:
Difference Amplifier Circuit.
A
B
MCP6285
CS
VOUTB
Load
V
OUT
V
INGAGB
V
OSAGAGB
V
OSBGB
+
+
=
Where:
GA = op amp A gain
GB = op amp B gain
VOSA = op amp A input offset voltage
VOSB = op amp B input offset voltage
A
B
CS
R4
R3
R2
R1
VIN
VOUT
MCP6285
A
B
CS
R2
R1
VIN2
VIN1
R2
R1
VOUT
R4
R3
MCP6285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com