Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6284
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6284 Datasheet HTML 8Page - Microchip Technology MCP6284 Datasheet HTML 9Page - Microchip Technology MCP6284 Datasheet HTML 10Page - Microchip Technology MCP6284 Datasheet HTML 11Page - Microchip Technology MCP6284 Datasheet HTML 12Page - Microchip Technology MCP6284 Datasheet HTML 13Page - Microchip Technology MCP6284 Datasheet HTML 14Page - Microchip Technology MCP6284 Datasheet HTML 15Page - Microchip Technology MCP6284 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP6281/2/3/4/5
DS21811D-page 12
 2004 Microchip Technology Inc.
FIGURE 4-4:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO's value until the
response is reasonable. Bench evaluation and simula-
tions with the MCP6281/2/3/4/5 SPICE macro model
are helpful.
4.4
MCP628X Chip Select (CS)
The MCP6283 and MCP6285 are single and dual op
amps with Chip Select (CS), respectively. When CS is
pulled high, the supply current drops to 0.7 µA (typ) and
flows through the CS pin to VSS. When this happens,
the amplifier output is put into a high-impedance state.
By pulling CS low, the amplifier is enabled. If the CS pin
is left floating, the amplifier may not operate properly.
Figure 1-1 shows the output voltage and supply current
response to a CS pulse.
4.5
Cascaded Dual Op Amps
(MCP6285)
The MCP6285 is a dual op amp with Chip Select (CS).
The Chip Select input is available on what would be the
non-inverting input of a standard dual op amp (pin 5).
This pin is available because the output of op amp A
connects to the non-inverting input of op amp B, as
shown in Figure 4-5. The Chip Select input, which can
be connected to a microcontroller I/O line, puts the
device in Low-power mode. Refer to Section 4.4
“MCP6283/5 Chip Select (CS)”.
FIGURE 4-5:
Cascaded Gain Amplifier.
The output of op amp A is loaded by the input imped-
ance of op amp B, which is typically 1013
Ω||6pF, as
specified in the DC specification table (Refer to
Section 4.3 “Capacitive Loads” for further details
regarding capacitive loads).
The common mode input range of these op amps is
specified in the data sheet as VSS – 300 mV and
VDD + 300 mV. However, since the output of op amp A
is limited to VOL and VOH (20 mV from the rails with a
10 k
Ω load), the non-inverting input range of op amp B
is limited to the common mode input range of
VSS + 20 mV and VDD –20mV.
4.6
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single-supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good, high-frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with other analog parts.
4.7
PCB Surface Leakage
In applications where low input bias current is critical,
Printed Circuit Board (PCB) surface-leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow, which is greater than the
MCP6281/2/3/4/5 family’s bias current at 25°C (1 pA,
typ.).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-6.
10
100
1,000
10
100
1,000
10,000
Normalized Load Capacitance; C
L/GN (pF)
GN = 1 V/V
G
N = 2 V/V
G
N ≥ 4 V/V
A
B
CS
2
3
5
6
7
VINA+
VOUTB
MCP6285
1
VINA–
VOUTA/VINB+
VINB–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com