Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6284
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6284 Datasheet HTML 11Page - Microchip Technology MCP6284 Datasheet HTML 12Page - Microchip Technology MCP6284 Datasheet HTML 13Page - Microchip Technology MCP6284 Datasheet HTML 14Page - Microchip Technology MCP6284 Datasheet HTML 15Page - Microchip Technology MCP6284 Datasheet HTML 16Page - Microchip Technology MCP6284 Datasheet HTML 17Page - Microchip Technology MCP6284 Datasheet HTML 18Page - Microchip Technology MCP6284 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2004 Microchip Technology Inc.
DS21811D-page 15
MCP6281/2/3/4/5
4.8.3.4
Buffered Non-inverting Integrator
Figure 4-12 shows a lossy non-inverting integrator that
is buffered and has a Chip Select input. Op amp A is
configured as a non-inverting integrator. In this config-
uration, matching the impedance at each input is
recommended. RF is used to provide a feedback loop
at frequencies << 1/(2
πR
1C1) and makes this a lossy
integrator (it has a finite gain at DC). Op amp B is used
to isolate the load from the integrator.
FIGURE 4-12:
Buffered Non-inverting
Integrator with Chip Select.
4.8.3.5
Inverting Integrator with Active
Compensation and Chip Select
Figure 4-13 uses an active compensator (op amp B) to
compensate for the non-ideal op amp characteristics
introduced at higher frequencies. This circuit uses
op amp B as a unity-gain buffer to isolate the integration
capacitor C1 from op amp A and drives the capacitor
with low-impedance source. Since both op amps are
matched very well, they provide a higher quality
integrator.
FIGURE 4-13:
Integrator Circuit with Active
Compensation.
4.8.3.6
Second-Order MFB Low-Pass Filter
with an Extra Pole-Zero Pair
Figure 4-14 is a second-order multiple feedback low-
pass filter with Chip Select. Use the FilterLab® software
from Microchip to determine the R and C values for the
op amp A’s second-order filter. Op amp B can be used
to add a pole-zero pair using C3, R6 and R7.
FIGURE 4-14:
Second-Order Multiple
Feedback Low-Pass Filter with an Extra
Pole-Zero Pair.
4.8.3.7
Second-Order Sallen-Key Low-Pass
Filter with an Extra Pole-Zero Pair
Figure 4-15 is a second-order Sallen-Key low-pass
filter with Chip Select. Use the FilterLab® software from
Microchip to determine the R and C values for the op
amp A’s second-order filter. Op amp B can be used to
add a pole-zero pair using C3, R5 and R6.
FIGURE 4-15:
Second-Order Sallen-Key
Low-Pass Filter with an Extra Pole-Zero Pair and
Chip Select.
A
B
CS
RF
C1
R2
C2
R1
VIN
VOUT
MCP6285
R
1C1
R
2
R
F
||
()C
2
=
A
CS
B
VIN
VOUT
R1
C1
MCP6285
A
B
CS
R1
C1
R5
VIN
VOUT
C2
R4
R3
R2
R6
C3
MCP6285
R7
A
B
CS
R2
C1
R1
VIN
VOUT
R4
R3
C2
C3
R5
MCP6285
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com