Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6284
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6284 Datasheet HTML 12Page - Microchip Technology MCP6284 Datasheet HTML 13Page - Microchip Technology MCP6284 Datasheet HTML 14Page - Microchip Technology MCP6284 Datasheet HTML 15Page - Microchip Technology MCP6284 Datasheet HTML 16Page - Microchip Technology MCP6284 Datasheet HTML 17Page - Microchip Technology MCP6284 Datasheet HTML 18Page - Microchip Technology MCP6284 Datasheet HTML 19Page - Microchip Technology MCP6284 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP6281/2/3/4/5
DS21811D-page 16
 2004 Microchip Technology Inc.
4.8.3.8
Capacitorless Second-Order
Low-Pass filter with Chip Select
The low-pass filter shown in Figure 4-16 does not
require external capacitors and uses only three exter-
nal resistors; the op amp's GBWP sets the corner
frequency. R1 and R2 are used to set the circuit gain
and R3 is used to set the Q. To avoid gain peaking in
the frequency response, Q needs to be low (lower
values need to be selected for R3). Note that the ampli-
fier bandwidth varies greatly over temperature and
process. However, this configuration provides a low-
cost solution for applications with high bandwidth
requirements.
FIGURE 4-16:
Capacitorless Second-Order
Low-Pass Filter with Chip Select.
5.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6281/2/3/4/5 family of op amps.
5.1
SPICE Macro Model
The
latest
SPICE
macro
model
for
the
MCP6281/2/3/4/5 op amps is available on our web site
at www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation at room temperature. See the
macro model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab software is an innovative tool that
simplifies analog active-filter (using op amps) design.
Available
at
no
cost
from
our
web
site
at
www.microchip.com, the FilterLab design tool provides
full schematic diagrams of the filter circuit with compo-
nent values. It also outputs the filter circuit in SPICE
format, which can be used with the macro model to
simulate actual filter performance.
A
B
CS
VREF
VIN
VOUT
R2
R1
R3
MCP6285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com