Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032G Datasheet(PDF) 3 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 3 Page - SPANSION

  S29CD032G Datasheet HTML 1Page - SPANSION S29CD032G Datasheet HTML 2Page - SPANSION S29CD032G Datasheet HTML 3Page - SPANSION S29CD032G Datasheet HTML 4Page - SPANSION S29CD032G Datasheet HTML 5Page - SPANSION S29CD032G Datasheet HTML 6Page - SPANSION S29CD032G Datasheet HTML 7Page - SPANSION S29CD032G Datasheet HTML 8Page - SPANSION S29CD032G Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
3
Ad va nc e
In forma t i o n
status bits. After a program or erase cycle has been completed, the device is
ready to read array data or accept another command.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The password and
software sector protection feature disables both program and erase opera-
tions in any combination of sectors of memory. This can be achieved in-system
at VCC level.
The Program/Erase Suspend/Erase Resume feature enables the user to put
erase on hold for any period of time to read data from, or program data to, any
sector that is not selected for erasure. True background erase can thus be
achieved.
The hardware RESET# pin terminates any operation in progress and resets the
internal state machine to reading array data.
The device offers two power-saving features. When addresses have been stable
for a specified amount of time, the device enters the automatic sleep mode.
The system can also place the device into the standby mode. Power consump-
tion is greatly reduced in both these modes.
AMD’s Flash technology combines years of Flash memory manufacturing experi-
ence to produce the highest levels of quality, reliability and cost effectiveness.
The device electrically erases all bits within a sector simultaneously via
Fowler-Nordheim tunnelling. The data is programmed using hot electron
injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com