Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032G Datasheet(PDF) 15 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 15 Page - SPANSION

Back Button S29CD032G Datasheet HTML 11Page - SPANSION S29CD032G Datasheet HTML 12Page - SPANSION S29CD032G Datasheet HTML 13Page - SPANSION S29CD032G Datasheet HTML 14Page - SPANSION S29CD032G Datasheet HTML 15Page - SPANSION S29CD032G Datasheet HTML 16Page - SPANSION S29CD032G Datasheet HTML 17Page - SPANSION S29CD032G Datasheet HTML 18Page - SPANSION S29CD032G Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
15
Ad va nc e
In forma t i o n
VersatileI/O™ (VIO) Control
The VersatileI/O (VIO) control allows the host system to set the voltage levels that
the device generates at its data outputs and the voltages tolerated at its data in-
puts to the same voltage level that is asserted on the VIO pin.
The output voltage generated on the device is determined based on the VIO
(VCCQ) level.
A VIO of 1.65–1.95 volts is targeted to provide for I/O tolerance at the 1.8 volt
level.
A VCC and VIO of 2.5–2.75 volts makes the device appear as 2.5 volt-only.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE#
pins to VIL. CE# is the power control and selects the device. OE# is the output
control and gates array data to the output pins. WE# should remain at VIH.
The internal state machine is set for reading array data upon device power-up,
or after a hardware reset. This ensures that no spurious alteration of the memory
content occurs during the power transition. No command is necessary in this
mode to obtain array data. Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid data on the device data
outputs. The device remains enabled for read access until the command register
contents are altered.
Address access time (tACC) is the delay from stable addresses to valid output
data. The chip enable access time (tCE) is the delay from stable addresses and
stable CE# to valid data at the output pins. The output enable access time (tOE)
is the delay from the falling edge of OE# to valid data at the output pins (assum-
ing the addresses have been stable for at least tACC–tOE time and CE# has been
asserted for at least tCE–tOE time).
See “Reading Array Data” for more information. Refer to the AC Read Operations
table for timing specifications and to 15 for the timing diagram. ICC1 in the DC
Characteristics table represents the active current specification for reading array
data.
Simultaneous Read/Write
Operations Overview and Restrictions
Overview
The Simultaneous Read/Write feature allows a program or erase operation to be
executed in one (busy) bank, while performing other operations in the other bank
(non-busy).
The Simultaneous Read/Write operation of this device has been optimized for ap-
plications that could most benefit from this capability. These applications store
code in the larger bank, while storing data in the smaller bank. The best example
of this is when a Sector Erase Operation (as an embedded operation) in the
smaller (busy) bank, while performing a Burst/synchronous Read Operation in
the larger (non-busy) bank.
Restrictions
The Simultaneous Read/Write function is tested by executing an embedded op-
eration in the small (busy) bank while performing other operations in the big
(non-busy) bank. However, the opposite case is neither tested nor valid. That is,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com