Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032G Datasheet(PDF) 92 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 92 Page - SPANSION

Back Button S29CD032G Datasheet HTML 85Page - SPANSION S29CD032G Datasheet HTML 86Page - SPANSION S29CD032G Datasheet HTML 87Page - SPANSION S29CD032G Datasheet HTML 88Page - SPANSION S29CD032G Datasheet HTML 89Page - SPANSION S29CD032G Datasheet HTML 90Page - SPANSION S29CD032G Datasheet HTML 91Page - SPANSION S29CD032G Datasheet HTML 92Page - SPANSION S29CD032G Datasheet HTML 93Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
92
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
Ordering Information
For S29CD032G0R valid combination in the PQFP package, changed clock fre-
quency from 77 to 75 MHz. In Fortified BGA packages valid combinations table,
replaced TBDs with package markings; also changed additional ordering options.
Device Bus Operations
Table 5, S29CD032G Autoselect Codes (High Voltage Method): Corrected order-
ing option to 01 for data 00001h.
Burst CLK Edge Data Delivery: Deleted reference to delivering data on falling
edge.
Table 9, Configuration Register Definitions, CR2–CR0: deleted configuration 111.
SecSi™ (Secured Silicon) Sector Protection: Corrected the SecSi Sector address
ranges in the first paragraph.
Table 13, Sector Addresses for Ordering Option 01: Corrected address ranges for
sector SA71, SA73, SA75, and SA77.
Command Definitions
Sector Erase and Program Suspend Operation Mechanics: Deleted bullets at be-
ginning of section referring to erase pulses.
Synchronous (Burst) Read Operation
In second sentence of first paragraph, changed “linear” to “linear and continu-
ous”. In third sentence, changed “are configurable as” to “are configurable as
linear burst accesses”; sentence now ends after this phrase.
AC Characteristics
Asynchronous Read Operations table: Corrected test setup for tRC to a minimum
specification. Replaced TBD for tOE, option 0R with actual value. Changed tCE for
option 0R to 52 ns.
Burst Mode Read table: Deleted tIACC and tBDH specifications. Deleted note below
table. Changed specifications for all speeds on parameters tADVCS, tADVCH, tDS,
tAH, tCS, tACS, and tACH. Changed tCLK specification for 0R speed option, Changed
tOE specification for 0J speed option. Deleted “falling” from tADVCS description.
Changed description of tACH.
Burst Mode Read table: Changed specifications for the following: tADVCH; tIACC,
options 0M and 0J; tAS; tAH, all options; tCS; tCH; tCES, all options.
Figure 16, Burst Mode Read (x32 Mode): Renamed period tBDH to tDVCH.
Hardware Reset (RESET#) table: Deleted tREADY, tRH, tDRNE, tRMX.
Erase/Program Operations table: Changed tWC, tAS, tDS, tCS, tCH, tAH, tWP, tWHWH1
and tWHWH2 specifications. tWHWH1 specification now has word and double-word
values. Deleted tOES and “CE# Setup to CLK” parameters.
Alternate CE# Controlled Erase/Program Operations table: Changed tWC, tAS,
tWS, tWH, tWP, tCP, tWHWH1 and tWHWH2 specifications. tWHWH1 specification now
has word and double-word values. Deleted tOES, tWADVS, tWADVH, and tWCKS
parameters.
Ordering Information
Added packing type designators for Tray, 7-in. and 13-in. tape and reel
configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com