Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA6509 Datasheet HTML 1Page - NXP Semiconductors TDA6509 Datasheet HTML 2Page - NXP Semiconductors TDA6509 Datasheet HTML 3Page - NXP Semiconductors TDA6509 Datasheet HTML 4Page - NXP Semiconductors TDA6509 Datasheet HTML 5Page - NXP Semiconductors TDA6509 Datasheet HTML 6Page - NXP Semiconductors TDA6509 Datasheet HTML 7Page - NXP Semiconductors TDA6509 Datasheet HTML 8Page - NXP Semiconductors TDA6509 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
2005 Mar 25
4
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
loop filter between pin CP and pin VTUNE as shown in
Fig.27. The tuning amplifier can supply up to 33 V (max.)
at pin VT for controlling any of the internal oscillators via
external tank circuits. The phase comparator can operate
at 62.5, 50 or 31.25 kHz with a 4 MHz crystal, depending
on the reference divider ratio of either 64, 80 or 128; see
Table 4. An externally sourced signal having a frequency
between 3.58 MHz and 4.43 MHz can be used as a
reference frequency for the internal crystal oscillator at any
of the reference divider ratios.
In test mode, port P3 will output either half the crystal
reference frequency (1
⁄2fref) or half the reference divider
frequency (1
⁄2fdiv); see Table 5.
The device can be controlled according to the I2C-bus
format; see Table 1. The in-lock flag bit FL is set to logic 1
when the PLL is locked. This flag is read from the status
byte on pin SDA during a READ operation; see Table 6
and Table 7.
Automatic frequency control is provided using an internal
Analog-to-Digital Converter controlled by the voltage on
pin ADC. The ADC code is read during a READ operation;
see Table 8.
The device requires to be addressed by five sequential
serial bytes (including the address byte) via the I2C-bus to
set the crystal oscillator frequency, program the five ports
and to set the charge-pump current; see Table 1. The
address byte can have one of four possible device
addresses which are selected by applying a specific
voltage to pin AS; see Table 3.
4
QUICK REFERENCE DATA
Measured over full voltage and temperature ranges.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5
5.5
V
ICC
supply current
VCC = 5 V; all ports off
43
58
74
mA
fxtal
crystal oscillator frequency
Rxtal =25 Ω to 300 Ω
3.58
4.0
4.43
MHz
Ptot
total power dissipation
−
290
385
mW
Tstg
IC storage temperature
−40
−+150
°C
Tamb
ambient temperature
−20
−+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA6508TT
TSSOP32
plastic thin shrink small outline package; 32 leads body width 6.1 mm
SOT487-1
TDA6508ATT
TDA6509TT
TSSOP32
plastic thin shrink small outline package; 32 leads body width 6.1 mm
SOT487-1
TDA6509ATT
TDA6509HN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1
TDA6509AHN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com