Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA6509 Datasheet HTML 4Page - NXP Semiconductors TDA6509 Datasheet HTML 5Page - NXP Semiconductors TDA6509 Datasheet HTML 6Page - NXP Semiconductors TDA6509 Datasheet HTML 7Page - NXP Semiconductors TDA6509 Datasheet HTML 8Page - NXP Semiconductors TDA6509 Datasheet HTML 9Page - NXP Semiconductors TDA6509 Datasheet HTML 10Page - NXP Semiconductors TDA6509 Datasheet HTML 11Page - NXP Semiconductors TDA6509 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
2005 Mar 25
8
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
handbook, halfpage
TDA6509
TDA6509A
VCC
HIGH_OSCIN2
HIGH_OSCIN1
MID_OSCIN1
MID_OSCIN2
OSC_GND
LOW_OSCOUT
LOW_OSCIN
MDB225
SDA
SCL
P0
P3
P1
P2
IFAMP_IN2
IFAMP_IN1
2
1
3
4
5
6
7
8
24
23
21
22
20
19
18
17
Fig.4 Pin configuration for TDA6509 and TDA6509A (HVQFN32).
8I2C-BUS DATA FORMAT
8.1
I2C-bus address selection
The address byte ADB contains programmable module
address bits MA1 and MA0 which allow up to four
synthesizers to be used in the same system, and are
configured by applying one of four possible voltages on
pin AS; see Tables 1 and 2. For each voltage on pin AS,
the resultant values of bits MA1 and MA0 are shown in
Table 3.
8.2
Write mode
The write mode is defined by setting bit R/W to logic 0 in
address byte ADB; see Table 1.
Data bytes can be sent to the device after sending the first
address byte. Four data bytes are required to fully program
the device.
The bus transceiver has an auto-increment facility which
allows the device to be programmed by one transmission
(address byte with 4 data bytes). The device can be
partially programmed provided that the first data byte
following the address byte is divider byte DB1 or control
byte CB.
The MSB of the first data byte DB1 indicates whether
frequency data (MSB = 0) or control and band switch data
will follow. Additional data bytes can be entered without the
need to re-address the device until an I2C-bus STOP
command is sent by the controller.
The frequency divider register is loaded after the 8th clock
pulse of byte DB2. The control register is loaded after the
8th clock pulse of byte CB, and the band switch register is
loaded after the 8th clock pulse of byte BB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com