Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA6509 Datasheet HTML 15Page - NXP Semiconductors TDA6509 Datasheet HTML 16Page - NXP Semiconductors TDA6509 Datasheet HTML 17Page - NXP Semiconductors TDA6509 Datasheet HTML 18Page - NXP Semiconductors TDA6509 Datasheet HTML 19Page - NXP Semiconductors TDA6509 Datasheet HTML 20Page - NXP Semiconductors TDA6509 Datasheet HTML 21Page - NXP Semiconductors TDA6509 Datasheet HTML 22Page - NXP Semiconductors TDA6509 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
2005 Mar 25
19
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
8. This is the level of signals close to the IF frequency which can interfere with the dividers. Typical interference signals
are channel S3: fosc = 256.15 MHz, 5⁄32 fosc = 40.02 MHz. The LOW and MID RF inputs must not be connected to
any load or cable; the HIGH RF inputs are connected to a hybrid (balun).
9. Crystal oscillator interference is the 4 MHz sidebands produced by the crystal oscillator. The rejection must be
greater than 60 dB for an IF output signal of 110 dB
µV for versions TDA6508; TDA6509 or 100 dBµV for versions
TDA6508A; TDA6509A.
10. Reference frequency rejection measures the level of reference frequency sidebands with respect to the sound
sub-carrier fssc.
11. Channel SO2 beat is the interfering product of the picture carrier frequency fpc, fIF and fOSC in channel SO2:
fBEAT =fosc − 2 × fIF = 37.35 MHz. Another possible mechanism is: 2 × fpc − fosc. For the measurement,
VRF =80dBµV.
handbook, full pagewidth
MDB220
2
1
0.5
2
1
0.5
∞
0
+ j
− j
43.25 MHz
161.25 MHz
2
0.5
1
Fig.5 Input admittance (S11) of the LOW band mixer (43.25 to 161.25 MHz); YO =20mS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com