Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA6509 Datasheet HTML 18Page - NXP Semiconductors TDA6509 Datasheet HTML 19Page - NXP Semiconductors TDA6509 Datasheet HTML 20Page - NXP Semiconductors TDA6509 Datasheet HTML 21Page - NXP Semiconductors TDA6509 Datasheet HTML 22Page - NXP Semiconductors TDA6509 Datasheet HTML 23Page - NXP Semiconductors TDA6509 Datasheet HTML 24Page - NXP Semiconductors TDA6509 Datasheet HTML 25Page - NXP Semiconductors TDA6509 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
2005 Mar 25
22
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
13 TEST AND APPLICATION INFORMATION
mdb265
signal
source
V
Vi(meas)
D.U.T.
LOW_RFIN
GND
IFAMP_OUT1
IFAMP_OUT2
e
50
Ω
50
Ω
50
Ω
Vi
Vo
Vo(meas)
2 x 5
turns
2
turns
RMS
voltmeter
spectrum
analyzer
N1/N2 = 5
Fig.10 Gain measurement in the LOW-band of the TDA6508; TDA6509.
Zi >> 50 Ω⇒ Vi =2 × Vi(meas) =80dBµV.
Vi =Vi(meas) +6dB =80dBµV.
Vo =Vo(meas) + 15 dB (transformer ratio N1/N2 and transformer loss).
Gv = 20 log
PAL fIF = 36.15 MHz.
V
o
V
i
------
handbook, full pagewidth
MDB266
50
Ω
27
Ω
50
Ω
50
Ω
V
LOW_RFIN
IFAMP_OUT1
e
Vi(meas)
RMS
voltmeter
spectrum
analyzer
Vo
Vo(meas)
Vi
D.U.T.
signal
source
Fig.11 Gain measurement in the LOW-band of the TDA6508A; TDA6509A.
Zi >> 50 Ω⇒ Vi =2 × Vi(meas) =80dBµV.
Vi =Vi(meas) +6dB =80dBµV.
Vo =Vo(meas) + 3.75 dB.
Gv = 20 log
PAL fIF = 36.15 MHz.
V
o
V
i
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com